Electronic Components Datasheet Search
  English  ▼

X  

ADG731 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 5 Page - Analog Devices

  ADG731 Datasheet HTML 1Page - Analog Devices ADG731 Datasheet HTML 2Page - Analog Devices ADG731 Datasheet HTML 3Page - Analog Devices ADG731 Datasheet HTML 4Page - Analog Devices ADG731 Datasheet HTML 5Page - Analog Devices ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
ADG725/ADG731
–5–
TIMING CHARACTERISTICS1, 2
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCLK
30
MHz max
SCLK Cycle Frequency
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
13
ns min
SYNC to SCLK Falling Edge Setup Time
t5
40
ns min
Minimum
SYNC Low Time
t6
5
ns min
Data Setup Time
t7
4.5
ns min
Data Hold Time
t8
33
ns min
Minimum
SYNC High Time
NOTES
1See Figure 1.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (V IL + VIH)/2.
Specifications subject to change without notice.
SCLK
SYNC
DIN
DB7
DB0
t
8
t
4
t
5
t
6
t
7
t
2
t
3
t
1
Figure 1. 3-Wire Serial Interface Timing Diagram
A3
A2
A1
A0
EN
CSA
X
DB0 (LSB)
DB7 (MSB)
DATA BITS
CSB
Figure 2. ADG725 Input Shift Register Contents
A3
A2
A1
A0
EN
CS
X
DB0 (LSB)
DB7 (MSB)
DATA BITS
A4
Figure 3. ADG731 Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com