Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8065
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD5444/AD5446
Rev. E | Page 25 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 54. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Resolution (Bits)
INL (LSB)
Temperature Range
Package Description
Package Option
Branding
AD5444YRM
12
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D27
AD5444YRM-REEL
12
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D27
AD5444YRM-REEL7
12
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D27
AD5444YRMZ
12
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D6X
AD5444YRMZ-REEL
12
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D6X
AD5444YRMZ-REEL7
12
±0.5
−40°C to +125°C
10-Lead MSOP
RM-10
D6X
AD5446YRM
14
±2
−40°C to +125°C
10-Lead MSOP
RM-10
D28
AD5446YRM-REEL
14
±2
−40°C to +125°C
10-Lead MSOP
RM-10
D28
AD5446YRM-REEL7
14
±2
−40°C to +125°C
10-Lead MSOP
RM-10
D28
AD5446YRMZ
14
±2
−40°C to +125°C
10-Lead MSOP
RM-10
D7Z
AD5446YRMZ-RL7
14
±2
−40°C to +125°C
10-Lead MSOP
RM-10
D7Z
EV-AD5443/46/53SDZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com