Electronic Components Datasheet Search
  English  ▼

X  

AM400 Datasheet(PDF) 14 Page - Analog Devices

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM400 Datasheet(HTML) 14 Page - Analog Devices

Back Button AM400 Datasheet HTML 10Page - Analog Devices AM400 Datasheet HTML 11Page - Analog Devices AM400 Datasheet HTML 12Page - Analog Devices AM400 Datasheet HTML 13Page - Analog Devices AM400 Datasheet HTML 14Page - Analog Devices AM400 Datasheet HTML 15Page - Analog Devices AM400 Datasheet HTML 16Page - Analog Devices AM400 Datasheet HTML 17Page - Analog Devices AM400 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
14/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
According to Equation 4 the following is then relevant to output current IOUT:
SET
I
IN
OUT
I
R
G
V
I
+
=
0
8
with
0
=
ZA
V
(15)
with


+
=
=
2
1
1
5
R
R
G
G
G
GAIN
IA
I
and
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
.
Example 1: VIN = 0...100mV (differential), IOUT = 4...20mA and VOUT = 0...10V
For a measuring bridge with a signal of VIN = 0...100mV at the IA input the external components are
to be dimensioned in such a way that the output current has a range of 4...20mA and the output
voltage one of 0...10V.
R1 and R2 are dimensioned in accordance with Equation 14, R0 according to Equation 4 and R3 and
R4 according to Equation 8. Observing the boundary conditions for the external components the
following values are then obtained:
R0 ≈ 35.5Ω
R1 ≈ 80.9kΩ
R2 = 10kΩ
R3 = 83kΩ
R4 = 5kΩ
R5 = 39Ω
RL = 0...600Ω
RIAL ≤ 10kΩ
C1 = 2.2µF
2) Typical 3-wire application with an input signal referenced to ground
Ground
V
S
I
OUT
V
OUT
R
1
R
2
R
3
R
4
C
1
R
0
T
1
D
1
R
5
R
L
1
V
IN
Input voltage
referenced to ground
Connections setting unused function blocks to a defined operating point
3-wire connection
V
BG
17
5
IA
7
6
10
18
15
14
13
12
11
20
V
I
16
19
Voltage reference
1
9
OP1
8
3
4
2
AM400-0
OP2
OP3
Figure 6:
Typical application for input signals referenced to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com