Electronic Components Datasheet Search
  English  ▼

X  

OP470GPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP470GPZ
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470GPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP470GPZ Datasheet HTML 3Page - Analog Devices OP470GPZ Datasheet HTML 4Page - Analog Devices OP470GPZ Datasheet HTML 5Page - Analog Devices OP470GPZ Datasheet HTML 6Page - Analog Devices OP470GPZ Datasheet HTML 7Page - Analog Devices OP470GPZ Datasheet HTML 8Page - Analog Devices OP470GPZ Datasheet HTML 9Page - Analog Devices OP470GPZ Datasheet HTML 10Page - Analog Devices OP470GPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
–7–
OP470
FREQUENCY – Hz
130
1
TA = 25 C
VS = 15V
120
110
100
90
80
70
60
50
30
40
20
10
10
100
1k
10k
100k
1M
TPC 10. CMR vs. Frequency
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M 10M 100M
130
110
90
70
50
30
10
TA = 25 C
–PSR
+PSR
TPC 13. PSR vs. Frequency
FREQUENCY – MHz
25
1
20
15
10
5
0
23
4
5
–5
–10
67 8 9 10
TA = 25 C
VS = 15V
80
100
120
140
160
180
200
220
PHASE
GAIN
PHASE MARGIN
= 58
TPC 16. Open-Loop Gain, Phase
Shift vs. Frequency
SUPPLY VOLTAGE – V
10
8
2
0
5
20
10
15
6
4
TA = +25 C
TA = +125 C
TA = –55 C
TPC 11. Total Supply Current vs.
Supply Voltage
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M 10M 100M
130
110
90
70
50
30
10
TA = 25 C
VS = 15V
TPC 14. Open-Loop Gain vs. Frequency
SUPPLY VOLTAGE – V
5000
0
TA = 25 C
RL = 10k
4000
3000
2000
1000
0
5
10
15
20
25
TPC 17. Open-Loop Gain vs. Supply
Voltage
TEMPERSTURE – C
10
–75 –50
–25
0
25
50
75
100 125
9
8
7
6
5
4
3
2
VS = 15V
TPC 12. Total Supply Current vs.
Supply Voltage
FREQUENCY – Hz
80
1k
60
40
20
0
–20
10k
100k
1M
10M
TPC 15. Closed-Loop Gain vs.
Frequency
TEMPERATURE – C
80
–75 –50 –25
0
25
50
75 100 125 150
70
60
50
40
8
6
4
2
0
VS = 15V
GBW
TPC 18. Gain-Bandwidth Product,
Phase Margin vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com