| Electronic Components Datasheet Search |
|
AD977BN Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977BN Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 24 page ![]() AD977/AD977A –19– REV. D OFFSET AND GAIN ADJUSTMENT The AD977/AD977A is factory trimmed to minimize gain, offset and linearity errors. In some applications, where the ana- log input signal is required to meet the full dynamic range of the ADC, the gain and offset errors need to be externally trimmed to zero. Figures 12 and 13 show the required trim circuitry to correct for these offset and gain errors. Where adjustment is required, offset error must be corrected before gain error. To achieve this in the bipolar input configura- tion, trim the offset potentiometer with the input voltage set to 1/2 LSB below ground. Then adjust the potentiometer until the major carry transition is located between 1111 1111 1111 1111 and 0000 0000 0000 0000. To adjust the gain error, an analog signal should be input at either the first code transition (ADC negative full scale) or the last code transition (ADC positive full scale). Thus, to adjust for full-scale error, an input voltage of FS/2 – 3/2 LSBs can be applied to VIN, and the gain potentiom- eter should be adjusted until the output code flickers between the last positive code transition 0111 1111 1111 1111 and 0111 1111 1111 1110. Should the first code transition need adjust- ing, the trim procedure should consist of applying an analog input signal of –FS/2 + 1/2 LSB to the VIN input and adjust- ing the trim until the output code flickers between 1000 0000 0000 0000 and 1000 0000 0000 0001. AC PERFORMANCE The AD977/AD977A is fully specified and tested for dynamic performance specifications. The ac parameters are required for signal processing applications such as speech recognition and spectrum analysis. These applications require information on the ADC’s effect on the spectral content of the input signal. Hence, the parameters for which the AD977/AD977A is specified include S/(N+D), THD and Spurious Free Dynamic Range. These terms are discussed in greater detail in the following sections. As a general rule, it is recommended that the results from sev- eral conversions be averaged to reduce the effects of noise and thus improve parameters such as S/(N+D) and THD. The ac performance of the AD977/AD977A can be optimized by operat- ing the ADC at its maximum sampling rate of 100 kHz/200 kHz and digitally filtering the resulting bit stream to the desired signal bandwidth. By distributing noise over a wider frequency range the noise density in the frequency band of interest can be reduced. For example, if the required input bandwidth is 50 kHz, FREQUENCY – kHz 0 –10 0 100 10 20 30 40 –40 –70 –130 –20 –30 –60 –50 –90 –120 –80 –110 –100 50 60 70 80 90 95 5 15 253545 55 65 7585 5280 POINT FFT FSAMPLE = 200kHz FIN = 20kHz, 0dB SNRD = 86dB THD = –101dB Figure 17. FFT Plot the AD977/AD977A could be oversampled by a factor of 2/4. This would yield a 3/6 dB improvement in the effective SNR performance. DC PERFORMANCE The factory calibration scheme used for the AD977/AD977A compensates for bit weight errors that may exist in the capacitor array. The mismatch in capacitor values is adjusted (using the calibration coefficients) during a conversion resulting in excel- lent dc linearity performance. Figures 18, 19, 20, 21, 22 and 23, respectively, show typical INL, typical DNL, typical positive and negative INL and DNL distribution plots for the AD977/AD977A at 25 °C. A histogram test is a statistical method for deriving an A/D converter’s differential nonlinearity. A ramp input is sampled by the ADC and a large number of conversions are taken at each voltage level, averaged then stored. The effect of averaging is to reduce the transition noise by 1/n. If 64 samples are averaged at each point, the effect of transition noise is reduced by a factor of 8, i.e., a transition noise of 0.8 LSBs rms is reduced to 0.1 LSBs rms. Theoretically the codes, during a test of DNL, would all be the same size and therefore have an equal number of occurrences. A code with an average number of occurrences would have a DNL of “0.” A code that is different from the average would have a DNL that was either greater or less than zero LSB. A DNL of –1 LSB indicates that there is a missing code present at the 16-bit level and that the ADC exhibits 15- bit performance. OUTPUT CODE – K 066 5 1015 2025 3035 2.0 –2.0 0 –0.5 –1.0 –1.5 1.0 0.5 1.5 40 45 50 55 60 100% Figure 18. INL Plot OUTPUT CODE – K 066 5 1015 2025 3035 2.0 –2.0 0 –0.5 –1.0 –1.5 1.0 0.5 1.5 40 45 50 55 60 100% Figure 19. DNL Plot |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |