Electronic Components Datasheet Search
  English  ▼

X  

AD977AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD977AR
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD977AR Datasheet HTML 12Page - Analog Devices AD977AR Datasheet HTML 13Page - Analog Devices AD977AR Datasheet HTML 14Page - Analog Devices AD977AR Datasheet HTML 15Page - Analog Devices AD977AR Datasheet HTML 16Page - Analog Devices AD977AR Datasheet HTML 17Page - Analog Devices AD977AR Datasheet HTML 18Page - Analog Devices AD977AR Datasheet HTML 19Page - Analog Devices AD977AR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD977/AD977A
–16–
REV. D
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977
576k
50k
50k
5V
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977
576k
50k
50k
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977
576k
50k
50k
BIPOLAR CONNECTION FOR AD977
INPUT
RANGE
STANDARD CONNECTION WITHOUT
OFFSET AND GAIN ADJUST
STANDARD CONNECTION WITH
OFFSET AND GAIN ADJUST
10V
5V
3.33V
5V
5V
5V
5V
5V
Figure 12. AD977 Bipolar Analog Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com