Electronic Components Datasheet Search
  English  ▼

X  

AD8306AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8306AR
Description  Limiting-Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8306AR Datasheet(HTML) 2 Page - Analog Devices

  AD8306AR Datasheet HTML 1Page - Analog Devices AD8306AR Datasheet HTML 2Page - Analog Devices AD8306AR Datasheet HTML 3Page - Analog Devices AD8306AR Datasheet HTML 4Page - Analog Devices AD8306AR Datasheet HTML 5Page - Analog Devices AD8306AR Datasheet HTML 6Page - Analog Devices AD8306AR Datasheet HTML 7Page - Analog Devices AD8306AR Datasheet HTML 8Page - Analog Devices AD8306AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD8306–SPECIFICATIONS
Parameter
Conditions
Min
1
Typ
Max
1
Units
INPUT STAGE
(Inputs INHI, INLO)
Maximum Input
2
Differential Drive, p-p
±3.5
±4V
+9
dBV
Equivalent Power in 50
Ω
Terminated in 52.3
Ω R
IN
+22
dBm
Noise Floor
Terminated 50
Ω Source
1.28
nV/
√Hz
Equivalent Power in 50
Ω
400 MHz Bandwidth
–78
dBm
Input Resistance
From INHI to INLO
800
1000
1200
Ω
Input Capacitance
From INHI to INLO
2.5
pF
DC Bias Voltage
Either Input
1.725
V
LIMITING AMPLIFIER
(Outputs LMHI, LMLO)
Usable Frequency Range
5
400
MHz
At Limiter Output
RLOAD = RLIM = 50 Ω, to –10 dB Point
585
MHz
Phase Variation at 100 MHz
Over Input Range –73 dBV to –3 dBV
±2
Degrees
Limiter Output Current
Nominally 400 mV/RLIM
0110
mA
Versus Temperature
–40
°C ≤ T
A ≤ +85°C
–0.008
%/
°C
Input Range
3
–78
+9
dBV
Maximum Output Voltage
At Either LMHI or LMLO, wrt VPS2
1
1.25
V
Rise/Fall Time (10%–90%)
RLOAD = 50 Ω, 40 Ω ≤ RLIM ≤ 400 Ω
0.6
ns
LOGARITHMIC AMPLIFIER
(Output VLOG)
±3 dB Error Dynamic Range
From Noise Floor to Maximum Input
100
dB
Transfer Slope
4
f = 10 MHz
19.5
20
20.5
mV/dB
f = 100 MHz
19.6
mV/dB
Over Temperature
–40
°C < T
A < +85°C
19.3
20
20.7
mV/dB
Intercept (Log Offset)
4
f = 10 MHz
–109.5
–108
–106.5
dBV
f = 100 MHz
–108.4
dBV
Over Temperature
–40
°C ≤ T
A ≤ +85°C
–111
–108
–105
dBV
Temperature Sensitivity
–0.009
dB/
°C
Linearity Error (Ripple)
Input from –80 dBV to +0 dBV
±0.4
dB
Output Voltage
Input = –91 dBV, VS = +5 V, +2.7 V
0.34
V
Input = +9 dBV, VS = +5 V
2.34
2.75
V
Input = –3 dBV, VS = +3 V
2.10
V
Minimum Load Resistance, RL
40
50
Ω
Maximum Sink Current
To Ground
0.75
1.0
1.25
mA
Output Resistance
0.3
Ω
Small-Signal Bandwidth
3.5
MHz
Output Settling Time to 2%
Large Scale Input, +3 dBV, RL ≥ 50 Ω, CL ≤ 100 pF
120
220
ns
Rise/Fall Time (10%–90%)
Large Scale Input, +3 dBV, RL ≥ 50 Ω, CL ≤ 100 pF
73
100
ns
POWER INTERFACES
Supply Voltage, VS
2.7
5
6.5
V
Quiescent Current
Zero-Signal, LMDR Open
13
16
20
mA
Over Temperature
–40
°C < T
A < +85°C
111623
mA
Disable Current
–40
°C < T
A < +85°C
0.01
4
µA
Additional Bias for Limiter
RLIM = 400 Ω (See Text)
2.0
2.25
mA
Logic Level to Enable Power
HI Condition, –40
°C < T
A < +85°C
2.7
VS
V
Input Current when HI
3 V at ENBL, –40
°C < T
A < +85°C40
60
µA
Logic Level to Disable Power
LO Condition, –40
°C < T
A < +85°C
–0.5
1
V
TRANSISTOR COUNT
# of Transistors
207
207
NOTES
1Minimum and maximum specified limits on parameters that are guaranteed but not tested are six sigma values.
2The input level is specified in “dBV” since logarithmic amplifiers respond strictly to voltage, not power. 0 dBV corresponds to a sinusoidal single-frequency input of
1 V rms. A power level of 0 dBm (1 mW) in a 50
Ω termination corresponds to an input of 0.2236 V rms. Hence, in the special case of 50 Ω termination, dBV values
can be converted into dBm by adding a fixed offset of +13 to the dBV rms value.
3Due to the extremely high Gain Bandwidth Product of the AD8306, the output of either LMHI or LMLO will be unstable for levels below –78 dBV (–65 dBm, re 50
Ω).
4Standard deviation remains essentially constant over frequency. See Figures 13, 14, 16 and 17.
Specifications subject to change without notice.
(VS = +5 V, TA = +25 C, f = 10 MHz, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com