Electronic Components Datasheet Search
  English  ▼

X  

AD8345AREZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8345AREZ
Description  140 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345AREZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8345AREZ Datasheet HTML 12Page - Analog Devices AD8345AREZ Datasheet HTML 13Page - Analog Devices AD8345AREZ Datasheet HTML 14Page - Analog Devices AD8345AREZ Datasheet HTML 15Page - Analog Devices AD8345AREZ Datasheet HTML 16Page - Analog Devices AD8345AREZ Datasheet HTML 17Page - Analog Devices AD8345AREZ Datasheet HTML 18Page - Analog Devices AD8345AREZ Datasheet HTML 19Page - Analog Devices AD8345AREZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8345
Rev. B | Page 19 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-ABT
16
9
8
1
EXPOSED
PAD
(Pins Up)
5.10
5.00
4.90
4.50
4.40
4.30
6.40
BSC
3.00
SQ
TOP
VIEW
BOTTOM
VIEW
1.20 MAX
0.15
0.00
1.05
1.00
0.80
0.65
BSC
0.30
0.19
SEATING
PLANE
0.20
0.09
8°
0°
0.75
0.60
0.45
Figure 42. 16-Lead Thin Shrink Small Outline with Exposed Pad (TSSOP_EP)
(RE-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8345ARE
−40°C to +85°C
16-Lead TSSOP with Exposed Pad, Tube
RE-16-2
AD8345ARE-REEL7
−40°C to +85°C
16-Lead TSSOP with Exposed Pad, 7" Tape and Reel
RE-16-2
AD8345AREZ1
−40°C to +85°C
16-Lead TSSOP with Exposed Pad, Tube
RE-16-2
AD8345AREZ-RL71
−40°C to +85°C
16-Lead TSSOP with Exposed Pad, 7" Tape and Reel
RE-16-2
AD8345-EVAL
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com