| Electronic Components Datasheet Search |
|
AD976ABRS Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD976ABRS Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() AD976/AD976A –14– REV. C 8051 Interface Figure 21 illustrates the use of the AD976/AD976A with an 8051 microcontroller. DB7 DB0 BYTE A0 CS BUS *ADDITIONAL PINS OMITTED FOR CLARITY BUSY AD976/ AD976A 8051 LATCH BUS BUS AD0 AD7 P0 A15 A8 P2 RD WR INT R/ C ADDR DECODE Figure 21. AD976/AD976A to 8051 Interface TMS320C25 Interface Figure 22 shows an interface between the AD976/AD976A and the TMS320C25. TIMER ADDRESS BUS *ADDITIONAL PINS OMITTED FOR CLARITY DATA BUS DB15 DB0 BUSY AD976/ AD976A R/ C EN ADDR DECODE A0 A15 D15 D0 TMS320C25 R/W IS READY STRB NSC INT CS Figure 22. AD976/AD976A to TMS320C25 Interface ADSP-2111 Interface Figure 23 shows an interface to the ADSP-2111 signal processor. In this example, CS is being used to control conversions and is generated by an external timer. A conversion is initiated each time the timer output goes low as long as you are not reading from the AD976/AD976A and while the Flag Output (FO) pin of the ADSP-2111 is low. When a conversion is complete, the BUSY line will return high. With the IRQn pin programmed to generate an interrupt on a high-to-low transition, an interrupt will occur at the end of each conversion. The 16-bit result of the conversion can be read from within the interrupt service routine by first forcing FO high, then performing a read operation with the AD976/AD976A. ADDRESS BUS *ADDITIONAL PINS OMITTED FOR CLARITY DATA BUS DB15 DB0 BUSY AD976/ AD976A EN ADDR DECODE A0 A13 D15 D0 ADSP-2111 DMS IRQn CS TIMER RD FO R/ C Figure 23. AD976/AD976A to ADSP-2111 Interface POWER SUPPLIES AND DECOUPLING The AD976/AD976A has two power supply input pins. VANA and VDIG provide the supply voltages to the analog and digital portions, respectively. VANA is the +5 V supply for the on-chip analog circuitry, and VDIG is the +5 V supply for the on-chip digital circuitry. The AD976/AD976A is designed to be inde- pendent of power supply sequencing and, thus, free from supply voltage induced latch-up. With high performance linear circuits, changes in the power supplies can result in undesired circuit performance. Optimally, well regulated power supplies should be chosen with less than 1% ripple. The ac output impedance of a power supply is a complex function of frequency and it will generally increase with frequency. Thus, high frequency switching, such as that encoun- tered with digital circuitry, requires the fast transient currents that most power supplies can not adequately provide. Such a situation results in large voltage spikes on the supplies. To com- pensate for the finite ac output impedance of most supplies, charge “reserves” should be stored in bypass capacitors. This will effectively lower the supplies impedance presented to the AD976/AD976A VANA and VDIG pins and reduce the magnitude of these spikes. Decoupling capacitors, typically 0.1 µF, should be placed close to the power supply pins of the AD976/AD976A to minimize any inductance between the capacitors and the VANA and VDIG pins. The AD976/AD976A may be operated from a single +5 V sup- ply. When separate supplies are used, however, it is beneficial to have larger capacitors, 10 µF, placed between the logic supply (VDIG) and digital common (DGND) and between the analog supply (VANA) and the analog common (AGND2). Additionally, 10 µF capacitors should be located in the vicinity of the ADC to further reduce low frequency ripple. In systems where the device will be subjected to harsh environmental noise, additional de- coupling may be required. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |