| Electronic Components Datasheet Search |
|
AD977AARS Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977AARS Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 24 page ![]() AD977/AD977A –13– REV. D EXTERNAL CONTINUOUS CLOCK DATA READ DURING CONVERSION WITH SYNC OUTPUT GENERATED Figure 9 illustrates the method by which data from conversion “n-1” can be read during conversion “n” while using a continu- ous external clock with the generation of a SYNC output. What permits the generation of a SYNC output is a transition of DATACLK while either CS is high or while both CS and R/C are low. With a continuous clock the CS pin cannot be tied low as it could be with a discontinuous clock. Use of a continuous clock while a conversion is occurring can increase the DNL and Transition Noise of the AD977/AD977A. In Figure 9 a conversion is initiated by taking R/ C low with CS held low. While this condition exists a transition of DATACLK, clock pulse #0, will enable the generation of a SYNC pulse. Less then 83 ns after R/ C is taken low the BUSY output will go low to indicate that the conversion process has began. Figure 9 shows R/ C then going high and after a delay of greater than 15 ns (t15), clock pulse #1 can be taken high to request the SYNC output. The SYNC output will appear approximately 50 ns after this rising edge and will be valid on the falling edge of clock pulse #1 and the rising edge of clock pulse #2. The MSB will be valid approximately 40 ns after the rising edge of clock pulse #2 and can be latched off either the falling edge of clock pulse #2 or the rising edge of clock pulse #3. The LSB will be valid on the falling edge of clock pulse #17 and the rising edge of clock pulse #18. Approximately 40 ns after the rising edge of clock pulse #18, the DATA output pin will reflect the state of the TAG input pin during the rising edge of clock pulse #2. For both the AD977 and the AD977A the data should be clocked out during the 1st half of BUSY so as not to degrade conversion performance. For the AD977 this requires use of a 4.8 MHz DATACLK or greater with data being read out as soon as the conversion process begins. For the AD977A it requires use of a 10 MHz DATACLK or greater. CS BUSY R/C EXT DATACLK BIT 15 (MSB) 1 DATA SYNC 03 BIT 0 (LSB) TAG 0 TAG 1 TAG 0 TAG 2 t13 t14 t12 t19 18 t15 t16 t1 t20 t2 t17 t12 t18 t23 t24 t18 TAG 2 TAG 1 TAG 16 TAG 17 TAG 18 TAG 19 Figure 9. Conversion and Read Timing for Reading Previous Conversion Results During a Conversion Using An External Continuous Data Clock (EXT/ INT Set to Logic High) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |