Electronic Components Datasheet Search
  English  ▼

X  

AD9226AST Datasheet(PDF) 23 Page - Analog Devices

Part # AD9226AST
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226AST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9226AST Datasheet HTML 19Page - Analog Devices AD9226AST Datasheet HTML 20Page - Analog Devices AD9226AST Datasheet HTML 21Page - Analog Devices AD9226AST Datasheet HTML 22Page - Analog Devices AD9226AST Datasheet HTML 23Page - Analog Devices AD9226AST Datasheet HTML 24Page - Analog Devices AD9226AST Datasheet HTML 25Page - Analog Devices AD9226AST Datasheet HTML 26Page - Analog Devices AD9226AST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
REV. B
AD9226
–23–
U7
20
VCC
17
Y2
10
GND
18
Y1
G1
16
Y3
15
Y4
14
Y5
13
Y6
12
Y7
11
Y8
19
G2
2
D5
A1
3
D4
A2
4
D3
A3
5
D2
A4
6
D1
A5
7
D0
A6
8
OTR
A7
9
A8
1
10 F
1
10V
2
C5
C11
0.1 F
74VHC541
U6
20
VCC
17
Y2
10
GND
18
Y1
G1
16
Y3
15
Y4
14
Y5
13
Y6
12
Y7
11
Y8
19
G2
2
D13
A1
3
D12
A2
4
D11
A3
5
D10
A4
6
D9
A5
7
D8
A6
8
D7
A7
9
A8
1
10 F
1
10V
2
C4
C12
0.1 F
74VHC541
D6
DVDD
RP1
22
116
RP1
22
4
13
RP1
22
314
RP1
22
215
RP1
22
512
RP1
22
611
RP1
22
710
RP1
22
89
1 P1
3 P1
5 P1
7 P1
9 P1
11 P1
13 P1
15 P1
2
P1
4
P1
6
P1
8
P1
10
P1
12
P1
14
P1
16
P1
RP2
22
116
17 P1
18
P1
RP2
22
215
19 P1
20
P1
RP2
22
314
21 P1
22
P1
RP2
22
413
23 P1
24
P1
RP2
22
512
25 P1
26
P1
RP2
22
611
27 P1
28
P1
29 P1
30
P1
31 P1
32
P1
RP2
22
89
33 P1
34
P1
35 P1
36
P1
37 P1
38
P1
RP2
22
710
39 P1
40
P1
R9
22
JP4
JP3
2
1
8c
74VHC04
10
11
8b
74VHC04
R7
22
DUTCLK
12
13
8a
74VHC04
TP7
JP17
1
2
A
B
3
C13
0.10 F
R1
49.9
R19
4k
R2
5k
R18
4k
AVDD
JP7
R15
90
R13
113
C19
0.1 F
AVDD
R14
90
R12
113
C17
0.1 F
AVDD
U3
1
NC
2
INA
3
INB
4
INCOM
8
AVDD
VCC
7
OUT
6
REF
5
VEE
T2
1
2
3
6
5
4
T1–1T
2
2
D2
D1
1N5712
1N5712
R11
49.9
CLOCK
S1
2
1
2
1
AUXCLK
S5
MC100EL33D
WHT
NC = NO CONNECT
C18
0.1 F
C26
10 F
10V
U3
DECOUPLING
AVDD
C10
0.1 F
C3
10 F
10V
U8
DECOUPLING
AVDD
8
9
8d
74VHC04
6
5
8e
74VHC04
4
3
8f
74VHC04
Figure 22. AD9226 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com