Electronic Components Datasheet Search
  English  ▼

X  

AD9226-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9226-EB
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9226-EB Datasheet HTML 1Page - Analog Devices AD9226-EB Datasheet HTML 2Page - Analog Devices AD9226-EB Datasheet HTML 3Page - Analog Devices AD9226-EB Datasheet HTML 4Page - Analog Devices AD9226-EB Datasheet HTML 5Page - Analog Devices AD9226-EB Datasheet HTML 6Page - Analog Devices AD9226-EB Datasheet HTML 7Page - Analog Devices AD9226-EB Datasheet HTML 8Page - Analog Devices AD9226-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. B
–3–
AD9226
DIGITAL SPECIFICATIONS
Parameters
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS (Clock, DFS
1, Duty Cycle1, and
Output Enable
1)
High-Level Input Voltage
Full
IV
2.4
V
Low-Level Input Voltage
Full
IV
0.8
V
High-Level Input Current (VIN = AVDD)
Full
IV
–10
+10
µA
Low-Level Input Current (VIN = 0 V)
Full
IV
–10
+10
µA
Input Capacitance
Full
V
5
pF
Output Enable
1
Full
IV
V
LOGIC OUTPUTS (With DRVDD = 5 V)
High-Level Output Voltage (IOH = 50
µA)
Full
IV
4.5
V
High-Level Output Voltage (IOH = 0.5 mA)
Full
IV
2.4
V
Low-Level Output Voltage (IOL = 1.6 mA)
Full
IV
0.4
V
Low-Level Output Voltage (IOL = 50
µA)
Full
IV
0.1
V
Output Capacitance
5pF
LOGIC OUTPUTS (With DRVDD = 3 V)
High-Level Output Voltage (IOH = 50
µA)
Full
IV
2.95
V
High-Level Output Voltage (IOH = 0.5 mA)
Full
IV
2.80
V
Low-Level Output Voltage (IOL = 1.6 mA)
Full
IV
0.4
V
Low-Level Output Voltage (IOL = 50
µA)
Full
IV
0.05
V
NOTES
1LQFP package.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Parameters
Temp
Test Level
Min
Typ
Max
Unit
Max Conversion Rate
Full
VI
65
MHz
Clock Period
1
Full
V
15.38
ns
CLOCK Pulsewidth High
2
Full
V
3
ns
CLOCK Pulsewidth Low
2
Full
V
3
ns
Output Delay
Full
V
3.5
7
ns
Pipeline Delay (Latency)
Full
V
7
Clock Cycles
Output Enable Delay
3
Full
V
15
ns
NOTES
1The clock period may be extended to 10
µs without degradation in specified performance @ 25°C.
2When MODE pin is tied to AVDD or grounded, the AD9226 SSOP is not affected by clock duty cycle.
3LQFP package.
Specifications subject to change without notice.
(AVDD = 5 V, DRVDD = 3 V, fSAMPLE = 65 MSPS, VREF = 2.0 V, TMIN to TMAX, unless otherwise noted.)
(TMIN to TMAX with AVDD = 5 V, DRVDD = 3 V, CL = 20 pF)
n+1
n+2
n+3
n+4
n+5
n+6
n+7
n+8
n
ANALOG
INPUT
CLOCK
DATA
OUT
n–8
n–7
n–6
n–5
n–4
n–3
n–2
n+1
n
n–1
TOD = 7.0 MAX
3.5 MIN
Figure 1. Timing Diagram
DRVDD
2
05
– .
DRVDD
2
05
+ .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com