Electronic Components Datasheet Search
  English  ▼

X  

ADRF6701 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6701
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6701 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6701 Datasheet HTML 8Page - Analog Devices ADRF6701 Datasheet HTML 9Page - Analog Devices ADRF6701 Datasheet HTML 10Page - Analog Devices ADRF6701 Datasheet HTML 11Page - Analog Devices ADRF6701 Datasheet HTML 12Page - Analog Devices ADRF6701 Datasheet HTML 13Page - Analog Devices ADRF6701 Datasheet HTML 14Page - Analog Devices ADRF6701 Datasheet HTML 15Page - Analog Devices ADRF6701 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 12 of 36
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
130kHz LOOP FILTER
TA = –40°C
TA = +25°C
TA = +85°C
3.5kHz LOOP FILTER
Figure 16. Phase Noise vs. Offset Frequency and Temperature,
fLO = 1850 MHz, 3.5 KHz Filter
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
130kHz LOOP FILTER
3.5kHz LOOP FILTER
TA = –40°C
TA = +25°C
TA = +85°C
Figure 17. Phase Noise vs. Offset Frequency and Temperature,
fLO = 1960 MHz, 3.5 KHz Filter
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
TA = –40°C
TA = +25°C
TA = +85°C
3.5kHz LOOP FILTER
130kHz LOOP FILTER
Figure 18. Phase Noise vs. Offset Frequency and Temperature,
fLO = 2140 MHz, 3.5 KHz Filter
1.0
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
LO FREQUENCY (MHz)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TA =–40°C
TA =+25°C
TA =+85°C
Figure 19. Integrated Phase Noise vs. LO Frequency
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
–80
OFFSET = 5MHz
TA = –40°C
TA =+25°C
TA =+85°C
LO FREQUENCY (MHz)
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
OFFSET = 100kHz
OFFSET = 1kHz
Figure 20. Phase Noise vs. LO Frequency at 1 kHz, 100 kHz, and 5 MHz Offsets
1550 1600 1650 1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
TA =–40°C
TA =+25°C
TA =+85°C
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
–155
–160
LO FREQUENCY (MHz)
OFFSET = 1MHz
OFFSET = 10kHz
Figure 21. Phase Noise vs. LO Frequency at 10 kHz and 1 MHz Offsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com