Electronic Components Datasheet Search
  English  ▼

X  

L78L12ACZ Datasheet(PDF) 7 Page - STMicroelectronics

Part # L78L12ACZ
Description  Positive voltage regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L12ACZ Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L78L12ACZ Datasheet HTML 3Page - STMicroelectronics L78L12ACZ Datasheet HTML 4Page - STMicroelectronics L78L12ACZ Datasheet HTML 5Page - STMicroelectronics L78L12ACZ Datasheet HTML 6Page - STMicroelectronics L78L12ACZ Datasheet HTML 7Page - STMicroelectronics L78L12ACZ Datasheet HTML 8Page - STMicroelectronics L78L12ACZ Datasheet HTML 9Page - STMicroelectronics L78L12ACZ Datasheet HTML 10Page - STMicroelectronics L78L12ACZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
L78LxxAB, L78LxxAC, L78LxxC
Electrical characteristics
Doc ID 2145 Rev 21
7/33
SVR
Supply voltage rejection
VI = 9 to 20 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
40
49
dB
Vd
Dropout voltage
1.7
V
Table 5.
Electrical characteristics of L78L05C (VI = 10 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
Electrical characteristics of L78L08C (VI = 14 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
7.36
8
8.64
V
VO
Output voltage
IO = 1 to 40 mA, VI = 8.5 to 20 V
7.2
8.8
V
IO = 1 to 70 mA, VI = 12 V
7.2
8.8
ΔVO
Line regulation
VI = 8.5 to 20 V, TJ = 25 °C
200
mV
VI = 9 to 20 V, TJ = 25 °C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
80
mV
IO = 1 to 40 mA, TJ = 25 °C
40
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 8 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
60
µV
SVR
Supply voltage rejection
VI = 9 to 20 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
36
45
dB
Vd
Dropout voltage
1.7
V
Table 7.
Electrical characteristics of L78L09C (VI = 15 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
8.28
9
9.72
V
VO
Output voltage
IO = 1 to 40 mA, VI = 11.5 to 23 V
8.1
9.9
V
IO = 1 to 70 mA, VI = 15 V
8.1
9.9
ΔVO
Line regulation
VI = 11.5 to 23 V, TJ = 25 °C
250
mV
VI = 12 to 23 V, TJ = 25 °C
200
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
80
mV
IO = 1 to 40 mA, TJ = 25 °C
40
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 12 to 23 V
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com