Electronic Components Datasheet Search
  English  ▼

X  

L4981B Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4981B
Description  POWER FACTOR CORRECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981B Datasheet(HTML) 1 Page - STMicroelectronics

  L4981B Datasheet HTML 1Page - STMicroelectronics L4981B Datasheet HTML 2Page - STMicroelectronics L4981B Datasheet HTML 3Page - STMicroelectronics L4981B Datasheet HTML 4Page - STMicroelectronics L4981B Datasheet HTML 5Page - STMicroelectronics L4981B Datasheet HTML 6Page - STMicroelectronics L4981B Datasheet HTML 7Page - STMicroelectronics L4981B Datasheet HTML 8Page - STMicroelectronics L4981B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
L4981A
L4981B
POWER FACTOR CORRECTOR
CONTROL BOOST PWM UP TO 0.99P.F.
LIMIT LINE CURRENT DISTORTION TO < 5%
UNIVERSAL INPUT MAINS
FEED FORWARD LINE AND LOAD REGULA-
TION
AVERAGE CURRENT MODE PWM FOR
MINIMUM NOISE SENSITIVITY
HIGH CURRENT BIPOLAR AND DMOS TO-
TEM POLE OUTPUT
LOW START-UP CURRENT (0.3mA TYP.)
UNDER VOLTAGE LOCKOUT WITH HYS-
TERESIS AND PROGRAMMABLE TURN ON
THRESHOLD
OVERVOLTAGE, OVERCURRENT PROTEC-
TION
PRECISE 2% ON CHIP REFERENCE EX-
TERNALLY AVAILABLE
SOFT START
DESCRIPTION
The L4981 I.C. provides the necessary features
to achieve a very high power factor up to 0.99.
Realized in BCD 60II technology this power factor
corrector (PFC) pre-regulator contains all the con-
trol functions for designing a high efficiency-mode
power supply with sinusoidal line current con-
sumption.
The L4981 can be easily used in systems with
mains voltages between 85V to 265V without any
line switch. This new PFC offers the possibility to
work at fixed frequency (L4981A) or modulated
frequency (L4981B) optimizing the size of the in-
November 2001
®
BLOCK DIAGRAM
ORDERING NUMBERS: L4981X (DIP20)
L4981XD (SO20)
DIP20
SO20
MULTIPOWER BCD TECHNOLOGY
1/16


Similar Part No. - L4981B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981B STMICROELECTRONICS-L4981B Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L4981B STMICROELECTRONICS-L4981B Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L4981BD STMICROELECTRONICS-L4981BD Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
More results

Similar Description - L4981B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com