Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21060LAB-160 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-21060LAB-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21060LAB-160 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-21060LAB-160 Datasheet HTML 17Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 18Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 19Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 20Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 21Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 22Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 23Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 24Page - Analog Devices ADSP-21060LAB-160 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. F
|
Page 21 of 64
|
March 2008
ESD CAUTION
PACKAGE MARKING INFORMATION
Figure 8 and Table 8 provide information on detail contained
within the package marking for the ADSP-2106x processors
(actual marking format may vary). For a complete listing of
product availability, see Ordering Guide on Page 61.
TIMING SPECIFICATIONS
The ADSP-2106x processors are available at maximum proces-
sor speeds of 33 MHz (–133), and 40 MHz (–160). The timing
specifications are based on a CLKIN frequency of 40 MHz
tCK = 25 ns). The DT derating factor enables the calculation for
timing specifications within the min to max range of the tCK
specification (see Table 9). DT is the difference between the der-
ated CLKIN period and a CLKIN period of 25 ns:
DT = tCK – 25 ns
Use the exact timing information given. Do not attempt to
derive parameters from the addition or subtraction of others.
While addition or subtraction would yield meaningful results
for an individual device, the values given in this data sheet
reflect statistical variations and worst cases. Consequently, you
cannot meaningfully add parameters to derive longer times.
For voltage reference levels, see Figure 28 on Page 47 under Test
Conditions.
Timing Requirements apply to signals that are controlled by cir-
cuitry external to the processor, such as the data input for a read
operation. Timing requirements guarantee that the processor
operates correctly with other devices. (O/D) = Open Drain,
(A/D) = Active Drive.
Switching Characteristics specify how the processor changes its
signals. You have no control over this timing—circuitry external
to the processor must be designed for compatibility with these
signal characteristics. Switching characteristics tell you what the
processor will do in a given circumstance. You can also use
switching characteristics to ensure that any timing requirement
of a device connected to the processor (such as memory) is
satisfied.
Figure 8. Typical Package Brand
Table 8. Package Brand Information
Brand Key
Field Description
t
Temperature Range
pp
Package Type
Z
Lead (Pb) Free Option
ccc
See Ordering Guide
vvvvvv.x
Assembly Lot Code
n.n
Silicon Revision
yyww
Date Code
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
vvvvvv.x n.n
tppZccc
S
ADSP-2106x
a
yyww country_of_origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com