Electronic Components Datasheet Search
  English  ▼

X  

CFC-2 Datasheet(PDF) 1 Page - NTE Electronics

Part # CFC-2
Description  CEILING FAN SINGLE & DUAL VERSIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

CFC-2 Datasheet(HTML) 1 Page - NTE Electronics

  CFC-2 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CEILING FAN SINGLE & DUAL VERSIONS
CFC SERIES
60
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
The CFC series is a range of metallized polyester film
capacitors designed expressly for ceiling fan use. They
are a self−healing flat capacitor winding with polyester
film dielectric. They are mounted in a flame retardent
plastic case with an epoxy resin end−seal. The CFC series
are also used in other electric fans and in fluorescent
lamps.
The NTE CFC series is available in 2 wire (single) and
3 wire (dual) capacitor versions.
FEATURES:
• Small size/light weight
• High Insulation resistance
• Small dissipation factor
RATINGS
Capacitance Range:
2 wire 125/250VAC − 1
µfd to 6µfd
3 wire 125/250VAC − 2/4
µfd to 6/14µfd
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: −25
°C to +70°C
Insulation Resistance (at 20
°C):
Between Terminals:
≥ 1000M
Between Terminals and Case:
≥ 2000M
2 Wire Series
3 Wire Series
2 WIRE SERIES
NTE
Cap
Case Dimensions − inch (mm)
Type No.
µf
W
H
T
CFC−1
1.0
1.260 (32)
.826 (21)
.413 (10.5)
CFC−2
2.0
1.260 (32)
.826 (21)
.413 (10.5)
CFC−3
3.0
1.260 (32)
.905 (23)
.512 (13)
CFC−4
4.0
1.535 (39)
.905 (23)
.512 (13)
CFC−5
5.0
1.535 (39)
.945 (24)
.590 (15)
CFC−6
6.0
1.535 (39)
1.020 (26)
.669 (17)
3 WIRE SERIES
NTE
Cap
Case Dimensions − inch (mm)
Type No.
µf
W
H
T
CFC−2/4
2.0/4.0
1.535 (39)
1.141 (29)
.748 (19)
CFC−2/5.5
2.0/5.5
1.978 (50)
1.180 (30)
.787 (20)
CFC−3/6.5
3.0/6.5
2.017 (51)
1.258 (32)
.866 (22)
CFC−3.5/1.5 3.5/1.5
1.535 (39)
1.141 (29)
.748 (19)
CFC−5/8.2
5.0/8.2
2.017 (51)
1.574 (40)
1.180 (30)
CFC−6/14
6.0/14
2.017 (51)
1.574 (40)
1.180 (30)
3.965
(100)
.393 (10)
W
H
W
T
F
NOTE: F (lead space) = W − .196 (5.0)
±.039 (1.0)


Similar Part No. - CFC-2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
CFC-2 NTE-CFC-2 Datasheet
14Kb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
CFC-2 NTE-CFC-2 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
CFC-2.5 NTE-CFC-2.5 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
CFC-2/4 NTE-CFC-2/4 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
CFC-2/4.5 NTE-CFC-2/4.5 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
More results

Similar Description - CFC-2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA126 BURR-BROWN-INA126 Datasheet
1Mb / 19P
MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
logo
NTE Electronics
CFC-1 NTE-CFC-1 Datasheet
14Kb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
logo
STMicroelectronics
AN4339 STMICROELECTRONICS-AN4339 Datasheet
906Kb / 27P
BLDC motor based ceiling fan solution proposal
29-Nov-2013
logo
NTE Electronics
CFC NTE-CFC_15 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
logo
STMicroelectronics
STEVAL-IHM037V1 STMICROELECTRONICS-STEVAL-IHM037V1 Datasheet
280Kb / 5P
Ceiling fan remote control unit based on the STM8 microcontroller
11-Feb-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com