Electronic Components Datasheet Search
  English  ▼

X  

NE556DT Datasheet(PDF) 1 Page - STMicroelectronics

Part # NE556DT
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556DT Datasheet(HTML) 1 Page - STMicroelectronics

  NE556DT Datasheet HTML 1Page - STMicroelectronics NE556DT Datasheet HTML 2Page - STMicroelectronics NE556DT Datasheet HTML 3Page - STMicroelectronics NE556DT Datasheet HTML 4Page - STMicroelectronics NE556DT Datasheet HTML 5Page - STMicroelectronics NE556DT Datasheet HTML 6Page - STMicroelectronics NE556DT Datasheet HTML 7Page - STMicroelectronics NE556DT Datasheet HTML 8Page - STMicroelectronics NE556DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2009
Rev 2
1/16
16
NE556
SA556 - SE556
General-purpose dual bipolar timers
Features
■ Low turn-off time
■ Maximum operating frequency greater than
500 kHz
■ Timing from microseconds to hours
■ Operates in both astable and monostable
modes
■ Output can source or sink up to 200 mA
■ Adjustable duty cycle
■ TTL compatible
■ Temperature stability of 0.005% per °C
Description
The NE556, SA556 and SE556 dual monolithic
timing circuits are highly stable controllers
capable of producing accurate time delays or
oscillation. In the time delay mode of operation,
the time is precisely controlled by one external
resistor and capacitor. For a stable operation as
an oscillator, the free running frequency and the
duty cycle are both accurately controlled with two
external resistors and one capacitor.
The circuits may be triggered and reset on falling
waveforms, and the output structure can source
or sink up to 200 mA.
N
DIP14
(Plastic package)
D
SO14
(Plastic micropackage)
Pin connections
(top view)
Trigger
Output
Control Voltage
4
8
5
6
7
9
10
11
12
13
14
Trigger
Threshold
Discharge
Reset
Output
Discharge
GND
1
2
3
Threshold
Control Voltage
Reset
CC
V
www.st.com


Similar Part No. - NE556DT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE556D PHILIPS-NE556D Datasheet
103Kb / 5P
Dual timer
August 31, 1994
logo
Texas Instruments
NE556D TI-NE556D Datasheet
71Kb / 5P
DUAL PRECISION TIMERS
logo
Fairchild Semiconductor
NE556D FAIRCHILD-NE556D Datasheet
44Kb / 8P
Dual Timer
logo
Texas Instruments
NE556D TI-NE556D Datasheet
412Kb / 15P
DUAL PRECISION TIMERS
NE556D TI-NE556D Datasheet
755Kb / 19P
DUAL PRECISION TIMERS
More results

Similar Description - NE556DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
Jun-2003
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
04-Jan-2012
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com