Electronic Components Datasheet Search
  English  ▼

X  

STB70N10F4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB70N10F4
Description  N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70N10F4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB70N10F4 Datasheet HTML 3Page - STMicroelectronics STB70N10F4 Datasheet HTML 4Page - STMicroelectronics STB70N10F4 Datasheet HTML 5Page - STMicroelectronics STB70N10F4 Datasheet HTML 6Page - STMicroelectronics STB70N10F4 Datasheet HTML 7Page - STMicroelectronics STB70N10F4 Datasheet HTML 8Page - STMicroelectronics STB70N10F4 Datasheet HTML 9Page - STMicroelectronics STB70N10F4 Datasheet HTML 10Page - STMicroelectronics STB70N10F4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STB/D/P/W70N10F4
Electrical characteristics
Doc ID 15207 Rev 3
7/18
Figure 8.
Normalized BVDSS vs temperature
Figure 9.
Static drain-source on resistance
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Capacitance variations
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on resistance vs
temperature
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
100
0.8
0.9
1.0
1.1
125
VGS=0
ID=250µA
AM03170v1
RDS(on)
13.5
13.0
12.5
12.0
0
10
ID(A)
(m
Ω)
5
15
14.0
14.5
15.0
15.5
VGS=10V
25
20
30
35
AM03176v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VDD=50V
VGS=10V
ID=65A
100
12
AM03171v1
C
1000
100
0
50
VDS(V)
(pF)
25
75
Ciss
Coss
Crss
AM03172v1
VGS(th)
0.8
0.6
0.4
-75
-25
TJ(°C)
(norm)
125
25
75
1.0
1.2
175
VDS=VGS
ID=250µA
AM03173v1
RDS(on)
0.4
0.2
-75
25
TJ(°C)
(norm)
-25
75
125
0.8
0.6
1.2
1.0
1.6
1.4
1.8
2.2
2.0
VGS=10V
ID=30A
AM03174v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com