Electronic Components Datasheet Search
  English  ▼

X  

STM32F102XB Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32F102XB
Description  Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102XB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32F102XB Datasheet HTML 4Page - STMicroelectronics STM32F102XB Datasheet HTML 5Page - STMicroelectronics STM32F102XB Datasheet HTML 6Page - STMicroelectronics STM32F102XB Datasheet HTML 7Page - STMicroelectronics STM32F102XB Datasheet HTML 8Page - STMicroelectronics STM32F102XB Datasheet HTML 9Page - STMicroelectronics STM32F102XB Datasheet HTML 10Page - STMicroelectronics STM32F102XB Datasheet HTML 11Page - STMicroelectronics STM32F102XB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Description
STM32F102x8, STM32F102xB
8/80
DocID15056 Rev 5
2
Description
The STM32F102xx medium-density USB access line incorporates the high-performance
ARM Cortex™-M3 32-bit RISC core operating at a 48 MHz frequency, high-speed
embedded memories (Flash memory of 64 or 128 Kbytes and SRAM of 10 or 16 Kbytes),
and an extensive range of enhanced peripherals and I/Os connected to two APB buses. All
devices offer standard communication interfaces (two I2Cs, two SPIs, one USB and three
USARTs), one 12-bit ADC and three general-purpose 16-bit timers.
The STM32F102xx family operates in the –40 to +85 °C temperature range, from a 2.0 to
3.6 V power supply. A comprehensive set of power-saving mode allows the design of low-
power applications.
The STM32F102xx medium-density USB access line is delivered in the LQFP48 7 × 7 mm
and LQFP64 10 × 10 mm packages.
The STM32F102xx medium-density USB access line microcontrollers are suitable for a
wide range of applications.
•
Application control and user interface
•
Medical and handheld equipment
•
PC peripherals, gaming and GPS platforms
•
Industrial applications: PLC, inverters, printers, and scanners
•
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com