Electronic Components Datasheet Search
  English  ▼

X  

STPS30M100SR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30M100SR
Description  100 V, 30 A power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30M100SR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30M100SR Datasheet HTML 1Page - STMicroelectronics STPS30M100SR Datasheet HTML 2Page - STMicroelectronics STPS30M100SR Datasheet HTML 3Page - STMicroelectronics STPS30M100SR Datasheet HTML 4Page - STMicroelectronics STPS30M100SR Datasheet HTML 5Page - STMicroelectronics STPS30M100SR Datasheet HTML 6Page - STMicroelectronics STPS30M100SR Datasheet HTML 7Page - STMicroelectronics STPS30M100SR Datasheet HTML 8Page - STMicroelectronics STPS30M100SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2011
Doc ID 15523 Rev 3
1/10
10
STPS30M100S
100 V, 30 A power Schottky rectifier
Features
■ Avalanche rated
■ Low VF
■ Good trade off between leakage current and
forward voltage drop
■ High frequency operation
■ Avalanche capability specified
Description
The STPS30M100S device is a single Schottky
rectifier, suited for high frequency switch mode
power supply.
Packaged in TO-220AB, TO-220FPAB, and I2PAK
this device is intended to be used in notebook and
game station adaptors, providing in these
applications a good efficiency at both low and
high load.
Figure 1.
Electrical characteristics (a)
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 14. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
Table 1.
Device summary
IF(AV)
30 A
VRRM
100 V
Tj (max)
150 °C
VF(typ)
0.385 V
A
A
A
A
K
K
K
K
K
A
A
A
A
TO-220AB
STPS30M100ST
I2PAK
STPS30M100SR
TO-220FPAB
STPS30M100SFP
www.st.com


Similar Part No. - STPS30M100SR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
318Kb / 11P
100 V power Schottky rectifier
28-Jun-2018
STPS30M100SFP STMICROELECTRONICS-STPS30M100SFP Datasheet
318Kb / 11P
100 V power Schottky rectifier
28-Jun-2018
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
318Kb / 11P
100 V power Schottky rectifier
28-Jun-2018
STPS30M100S STMICROELECTRONICS-STPS30M100S_V01 Datasheet
318Kb / 11P
100 V power Schottky rectifier
28-Jun-2018
More results

Similar Description - STPS30M100SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS1230SF STMICROELECTRONICS-STPS1230SF Datasheet
322Kb / 9P
30 V power Schottky rectifier
DS12695 - Rev 1 - July 2018
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com