Electronic Components Datasheet Search
  English  ▼

X  

98424 Datasheet(PDF) 1 Page - FCI connector

Part # 98424
Description  SHR HEADER 2.00 VERTICAL SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

98424 Datasheet(HTML) 1 Page - FCI connector

  98424 Datasheet HTML 1Page - FCI connector 98424 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PDM: Rev:P
Released
.
STATUS:
Printed: Nov 15, 2011


Similar Part No. - 98424

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
98424 AMPHENOLCS-98424 Datasheet
2Mb / 15P
Minitek® Crimp-to-Wire
logo
FCI connector
98424-G52-04ALF FCI-CONNECTOR-98424-G52-04ALF Datasheet
174Kb / 2P
SHR HEADER 2.00 VERTICAL SMT
logo
ON Semiconductor
98424-G52-04ALF ONSEMI-98424-G52-04ALF Datasheet
159Kb / 1P
Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
98424-G52-06LF ONSEMI-98424-G52-06LF Datasheet
159Kb / 1P
Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
logo
FCI connector
98424-G52-14 FCI-CONNECTOR-98424-G52-14 Datasheet
174Kb / 2P
SHR HEADER 2.00 VERTICAL SMT
More results

Similar Description - 98424

ManufacturerPart #DatasheetDescription
logo
FCI connector
98424-G52-04ALF FCI-CONNECTOR-98424-G52-04ALF Datasheet
174Kb / 2P
SHR HEADER 2.00 VERTICAL SMT
98424-G52-14 FCI-CONNECTOR-98424-G52-14 Datasheet
174Kb / 2P
SHR HEADER 2.00 VERTICAL SMT
76382-313LF FCI-CONNECTOR-76382-313LF Datasheet
91Kb / 1P
SHR. HEADER
76385-304LF FCI-CONNECTOR-76385-304LF Datasheet
164Kb / 2P
SHR. HEADER
98414-G06-10ULF FCI-CONNECTOR-98414-G06-10ULF Datasheet
177Kb / 2P
SHR HEADER 2.00 VERTICAL TMT
98414 FCI-CONNECTOR-98414 Datasheet
177Kb / 2P
SHR HEADER 2.00 VERTICAL TMT
98464-G61-14ULF FCI-CONNECTOR-98464-G61-14ULF Datasheet
99Kb / 1P
SHR HEADER 2.00 RIGHT ANGLE TMT
98424-G52-18A FCI-CONNECTOR-98424-G52-18A Datasheet
174Kb / 2P
SHR HEADER 2.00 VERICAL SMT
75869-102LF FCI-CONNECTOR-75869-102LF Datasheet
201Kb / 3P
SHR LP HEADER
logo
Wurth Elektronik GmbH &...
6203XX124022 WURTH-6203XX124022 Datasheet
715Kb / 1P
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com