Electronic Components Datasheet Search
  English  ▼

X  

TS820-600T Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS820-600T
Description  Sensitive and standard 8 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS820-600T Datasheet(HTML) 3 Page - STMicroelectronics

  TS820-600T Datasheet HTML 1Page - STMicroelectronics TS820-600T Datasheet HTML 2Page - STMicroelectronics TS820-600T Datasheet HTML 3Page - STMicroelectronics TS820-600T Datasheet HTML 4Page - STMicroelectronics TS820-600T Datasheet HTML 5Page - STMicroelectronics TS820-600T Datasheet HTML 6Page - STMicroelectronics TS820-600T Datasheet HTML 7Page - STMicroelectronics TS820-600T Datasheet HTML 8Page - STMicroelectronics TS820-600T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TN805, TN815, TS820, TYN608
Characteristics
Doc ID 7476 Rev 7
3/13
Table 4.
Standard electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
TN805
TN815
TYN608
Unit
IGT
VD = 12 V, RL = 33 Ω
MIN.
0.5
2
2
mA
MAX.
5
15
15
VGT
MAX.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ
Tj = 125 °C
MIN.
0.2
V
IH
IT = 100 mA , gate open
MAX.
25
40
30
mA
IL
IG = 1.2 IGT
MAX.
30
50
70
mA
dV/dt
VD = 67% VDRM, gate open
Tj =125 °C
MIN.
50
150
150
V/µs
VTM
ITM = 16 A tp = 380 µs
Tj = 25 °C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125 °C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125 °C
MAX.
46
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
2
mA
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
DPAK, IPAK, TO-220AB
1.3
°C/W
TO-220FPAB
4.6
Rth(j-a)
Junction to ambient (DC)
S(1) = 0.5 cm2
DPAK
70
°C/W
IPAK
100
TO-220AB, TO-220FPAB
60
1.
S = Copper surface under tab
Figure 1.
Maximum average power
dissipation versus average on-state
current
Figure 2.
Average and DC on-state current
versus case temperature
0
12
3
4
56
0
1
2
3
4
5
6
7
8
P(W)
I
(A)
T(AV)
α = 180°
360°
α
I
(A)
T(AV)
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
DPAK IPAK
TO-220AB
TO-220FPAB
D.C.
α = 180°
T
(°C)
case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com