Electronic Components Datasheet Search
  English  ▼

X  

C338S Datasheet(PDF) 1 Page - Coto Technology

Part # C338S
Description  Contact Form: C238S: 1a / C338S: 2a Load Voltage: 600V Maximum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C338S Datasheet(HTML) 1 Page - Coto Technology

  C338S Datasheet HTML 1Page - Coto Technology C338S Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS C238S/C338S
When small size and high performance are needed, the SOP package, such as the
C238S or C338S, is the industry choice. Both the C238S and the C338S feature low
on resistance fast turn on time. In addition, the C338S offers two fully-independent
form A channels for further space savings. Both relays are ideally suited to the needs
of Test and Measurement, Industrial, and Telecommunications.
C238S/C338S Features
u
Contact Form: C238S: 1a / C338S: 2a
u
Load Voltage: 600V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: C238S: 70mA Maximum / C338S: 60mA Maximum
u
On-Resistance: 60Ω Maximum
u
Output Capacitance: 95pF Typical
u
Low Off-State Leakage Current: 1.0μA Maximum
C338S
C238S
TERMINAL IDENTIFICATION
43
1
2
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3,4: Drain (MOSFET)
TERMINAL IDENTIFICATION
8
76
5
1
23
4
(+) (-) (+) (-)
1,3: Anode (LED)
2,4: Cathode (LED)
5,6,7,8: Drain
(MOSFET)
C238S/C338S
®
0.016(0.4)
0.100(2.54)
0.181(4.6) Max.
0.006(0.15)
0.006(0.15)
IDENTIFIES PIN #1
0.100(2.54)
0.016(0.4)
0.300(7.62)
0.382(9.7) Max.
0.006(0.15)
0.006(0.15)
IDENTIFIES PIN #1


Similar Part No. - C338S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C338S COTO-C338S Datasheet
892Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results

Similar Description - C338S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C230S COTO-C230S Datasheet
381Kb / 2P
Contact Form: C230S: 1a / C330S: 2a Load Voltage: 400V Maximum
C231S COTO-C231S Datasheet
381Kb / 2P
Contact Form: C231S: 1a / C331S: 2a Load Voltage: 350V Maximum
C234S COTO-C234S Datasheet
381Kb / 2P
Contact Form: C234S: 1a / C334S: 2a Load Voltage: 200V Maximum
C235S COTO-C235S Datasheet
379Kb / 2P
Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C237S COTO-C237S Datasheet
383Kb / 2P
Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
C245S COTO-C245S Datasheet
380Kb / 2P
Contact Form: C245S: 1a / C345S: 2a Load Voltage: 60V Maximum
C247S COTO-C247S Datasheet
381Kb / 2P
Contact Form: C247S: 1a / C347S: 2a Load Voltage: 80V Maximum
CT138 COTO-CT138 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 600V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
CT338 COTO-CT338 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 600V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com