Electronic Components Datasheet Search
  English  ▼

X  

C245S Datasheet(PDF) 1 Page - Coto Technology

Part # C245S
Description  Contact Form: C245S: 1a / C345S: 2a Load Voltage: 60V Maximum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C245S Datasheet(HTML) 1 Page - Coto Technology

  C245S Datasheet HTML 1Page - Coto Technology C245S Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS C245S/C345S
The C245S and C345S feature current switching capability to 100mA with a low on
resistance of 14Ω Maximum. Designed for Security, Measurement and Instrumenta-
tion applications the CotoMOS® relay is capable of handling 60V load conditions. If
your requirements are different please contact your Coto Applications Engineer for
assistance through www.cotorelay.com.
C245S/C345S Features
u
Contact Form: C245S: 1a / C345S: 2a
u
Load Voltage: 60V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: 100mA Maximum
u
On-Resistance: 14Ω Maximum
u
Output Capacitance: 20pF Typical
u
Low Off-State Leakage Current: 1.0μA Maximum
C345S
C245S
TERMINAL IDENTIFICATION
43
1
2
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3,4: Drain (MOSFET)
TERMINAL IDENTIFICATION
8
76
5
1
23
4
(+) (-) (+) (-)
1,3: Anode (LED)
2,4: Cathode (LED)
5,6,7,8: Drain
(MOSFET)
C245S/C345S
®
0.016(0.4)
0.100(2.54)
0.181(4.6) Max.
0.006(0.15)
0.006(0.15)
IDENTIFIES PIN #1
0.100(2.54)
0.016(0.4)
0.300(7.62)
0.382(9.7) Max.
0.006(0.15)
0.006(0.15)
IDENTIFIES PIN #1


Similar Part No. - C245S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C245S COTO-C245S_14 Datasheet
798Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results

Similar Description - C245S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C230S COTO-C230S Datasheet
381Kb / 2P
Contact Form: C230S: 1a / C330S: 2a Load Voltage: 400V Maximum
C231S COTO-C231S Datasheet
381Kb / 2P
Contact Form: C231S: 1a / C331S: 2a Load Voltage: 350V Maximum
C234S COTO-C234S Datasheet
381Kb / 2P
Contact Form: C234S: 1a / C334S: 2a Load Voltage: 200V Maximum
C235S COTO-C235S Datasheet
379Kb / 2P
Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C237S COTO-C237S Datasheet
383Kb / 2P
Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
C238S COTO-C238S Datasheet
382Kb / 2P
Contact Form: C238S: 1a / C338S: 2a Load Voltage: 600V Maximum
C247S COTO-C247S Datasheet
381Kb / 2P
Contact Form: C247S: 1a / C347S: 2a Load Voltage: 80V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com