Electronic Components Datasheet Search
  English  ▼

X  

C574S Datasheet(PDF) 1 Page - Coto Technology

Part # C574S
Description  Contact Form: C574S: 1b / C674S: 2b Load Voltage: 400V Maximum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

C574S Datasheet(HTML) 1 Page - Coto Technology

  C574S Datasheet HTML 1Page - Coto Technology C574S Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS C574S/C674S
The C574S and C674S feature current switching capability to 70mA with a low on
resistance of 50Ω Maximum. Designed for Security, Measurement and Instrumenta-
tion applications the CotoMOS® relay is capable of handling 400V load conditions.
If your requirements are different please contact your Coto Applications Engineer for
assistance through www.cotorelay.com.
C574S/C674S Features
u
Contact Form: C574S: 1b / C674S: 2b
u
Load Voltage: 400V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: C574S: 70mA Maximum / C674S: 60mA Maximum
u
On-Resistance: 50Ω Maximum
u
Output Capacitance: 165pF Typical
u
Low Off-State Leakage Current: 10μA Maximum
C674S
C574S
TERMINAL IDENTIFICATION
43
1
2
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3,4: Drain (MOSFET)
TERMINAL IDENTIFICATION
8
76
5
1
23
4
(+) (-) (+) (-)
1,3: Anode (LED)
2,4: Cathode (LED)
5,6,7,8: Drain
(MOSFET)
C574S/C674S
®
0.016(0.4)
0.100(2.54)
0.181(4.6) Max.
0.006(0.15)
0.006(0.15)
IDENTIFIES PIN #1
0.100(2.54)
0.016(0.4)
0.300(7.62)
0.382(9.7) Max.
0.006(0.15)
0.006(0.15)
IDENTIFIES PIN #1


Similar Part No. - C574S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C574S COTO-C574S_14 Datasheet
657Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results

Similar Description - C574S

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C230S COTO-C230S Datasheet
381Kb / 2P
Contact Form: C230S: 1a / C330S: 2a Load Voltage: 400V Maximum
C774S COTO-C774S Datasheet
305Kb / 2P
Contact Form: 1a1b Load Voltage: 400V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT330 COTO-CT330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
CT474 COTO-CT474 Datasheet
366Kb / 2P
Contact Form: 1b Load Voltage: 400V Maximum
CT674 COTO-CT674 Datasheet
335Kb / 2P
Contact Form: 2b Load Voltage: 400V Maximum
CT774 COTO-CT774 Datasheet
340Kb / 2P
Contact Form: 1a1b Load Voltage: 400V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com