Electronic Components Datasheet Search
  English  ▼

X  

93LC76SN Datasheet(PDF) 11 Page - Microchip Technology

Part # 93LC76SN
Description  8K/16K 2.5V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC76SN Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93LC76SN Datasheet HTML 7Page - Microchip Technology 93LC76SN Datasheet HTML 8Page - Microchip Technology 93LC76SN Datasheet HTML 9Page - Microchip Technology 93LC76SN Datasheet HTML 10Page - Microchip Technology 93LC76SN Datasheet HTML 11Page - Microchip Technology 93LC76SN Datasheet HTML 12Page - Microchip Technology 93LC76SN Datasheet HTML 13Page - Microchip Technology 93LC76SN Datasheet HTML 14Page - Microchip Technology 93LC76SN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2010 Microchip Technology Inc.
DS21131F-page 11
93LC76/86
4.0
PIN DESCRIPTIONS
TABLE 4-1:
PIN FUNCTION TABLE
4.1
Chip Select (CS)
A high level selects the device. A low level deselects
the device and forces it into Standby mode. However, a
programming cycle which is already initiated will be
completed, regardless of the CS input signal. If CS is
brought low during a program cycle, the device will go
into Standby mode as soon as the programming cycle
is completed.
CS must be low for 250 ns minimum (TCSL) between
consecutive instructions. If CS is low, the internal
control logic is held in a Reset status.
4.2
Serial Clock (CLK)
The Serial Clock is used to synchronize the communi-
cation between a master device and the 93LC76/86.
Opcode, address and data bits are clocked in on the
positive edge of CLK. Data bits are also clocked out on
the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at high or low level) and can be continued
anytime with respect to clock high time (TCKH) and
clock low time (TCKL). This gives the controlling master
freedom in preparing opcode, address and data.
CLK is a “don't care” if CS is low (device deselected). If
CS is high, but Start condition has not been detected,
any number of clock cycles can be received by the
device without changing its status (i.e., waiting for Start
condition).
CLK cycles are not required during the self-timed
WRITE (i.e., auto erase/write) cycle.
After detection of a Start condition the specified number
of clock cycles (respectively low-to-high transitions of
CLK) must be provided. These clock cycles are
required to clock in all opcode, address, and data bits
before an instruction is executed (see Table 1-3
through Table 1-6 for more details). CLK and DI then
become “don't care” inputs waiting for a new Start
condition to be detected.
4.3
Data In (DI)
Data In is used to clock in a Start bit, opcode, address
and data synchronously with the CLK input.
4.4
Data Out (DO)
Data Out is used in the Read mode to output data
synchronously with the CLK input (TPD after the
positive edge of CLK).
This pin also provides Ready/Busy status information
during erase and write cycles. Ready/Busy status infor-
mation is available when CS is high. It will be displayed
until the next Start bit occurs as long as CS stays high.
4.5
Organization (ORG)
When ORG is connected to VCC, the x16 memory orga-
nization is selected. When ORG is tied to VSS, the x8
memory organization is selected. There is an internal
pull-up resistor on the ORG pin that will select x16
organization when left unconnected.
4.6
Program Enable (PE)
This pin allows the user to enable or disable the ability
to write data to the memory array. If the PE pin is
floated or tied to VCC, the device can be programmed.
If the PE pin is tied to VSS, programming will be
inhibited. There is an internal pull-up on this device that
enables programming if this pin is left floating.
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
ORG
Memory Configuration
PE
Program Enable
VCC
Power Supply
Note:
CS must go low between consecutive
instructions, except when performing a
sequential read (Refer to Section 3.1
“READ” for more detail on sequential
reads).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com