Electronic Components Datasheet Search
  English  ▼

X  

1803646 Datasheet(PDF) 1 Page - Microchip Technology

Part # 1803646
Description  plug-in direction parallel to the conductor axis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1803646 Datasheet(HTML) 1 Page - Microchip Technology

  1803646 Datasheet HTML 1Page - Microchip Technology 1803646 Datasheet HTML 2Page - Microchip Technology 1803646 Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Module no:1840366 LabelId:1840366 Operator:Phoenix
16:39:48, Donnerstag, 28. Juni 2001
MC 1,5/…-ST-…
Plug,
plug-in direction parallel to the conductor axis
Pitch 3.5 or 3.81
(IEC)
[mm
2]
Connection data
rigid
solid
0.14-1.5
flexible
stranded
0.14-1.5
AWG
28-16
I
[A]
8
U
[V]
160
CA
Description
Plugs, 3.5 mm pitch,
color: green
Plugs, 3.81 mm pitch,
color: green
No. of
positions
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
11
Dim.
a
[mm]
3.5
7
10.5
14
17.5
21
24.5
28
31.5
35
38.5
42
45.5
49
52.5
56
59.5
63
66.5
3.81
7.62
11.43
15.24
19.05
22.86
26.67
30.48
34.29
38.10
Type
MC 1,5/2-ST-3,5
MC 1,5/3-ST-3,5
MC 1,5/4-ST-3,5
MC 1,5/5-ST-3,5
MC 1,5/6-ST-3,5
MC 1,5/7-ST-3,5
MC 1,5/8-ST-3,5
MC 1,5/9-ST-3,5
MC 1,5/10-ST-3,5
MC 1,5/11-ST-3,5
MC 1,5/12-ST-3,5
MC 1,5/13-ST-3,5
MC 1,5/14-ST-3,5
MC 1,5/15-ST-3,5
MC 1,5/16-ST-3,5
MC 1,5/17-ST-3,5
MC 1,5/18-ST-3,5
MC 1,5/19-ST-3,5
MC 1,5/20-ST-3,5
MC 1,5/2-ST-3,81
MC 1,5/3-ST-3,81
MC 1,5/4-ST-3,81
MC 1,5/5-ST-3,81
MC 1,5/6-ST-3,81
MC 1,5/7-ST-3,81
MC 1,5/8-ST-3,81
MC 1,5/9-ST-3,81
MC 1,5/10-ST-3,81
MC 1,5/11-ST-3,81
Order No.
18 40 36 6
18 40 37 9
18 40 38 2
18 40 39 5
18 40 40 5
18 40 41 8
18 40 42 1
18 40 43 4
18 40 44 7
18 40 45 0
18 40 46 3
18 40 47 6
18 40 48 9
18 40 49 2
18 40 50 2
18 40 51 5
18 40 52 8
18 40 53 1
18 40 54 4
18 03 57 8
18 03 58 1
18 03 59 4
18 03 60 4
18 03 61 7
18 03 62 0
18 03 63 3
18 03 64 6
18 03 65 9
18 03 66 2
Pcs.
Pkt.
50
50
Phoenix Contact Elektronischer Katalog
Page 1 / 3


Similar Part No. - 1803646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803646 PHOENIX-1803646 Datasheet
147Kb / 5P
MC 1,5/ 9-G-3,81
1803646 PHOENIX-1803646 Datasheet
147Kb / 5P
MCV 1,5/ 9-G-3,81
1803646 PHOENIX-1803646 Datasheet
144Kb / 6P
MC 1,5/ 9-ST-3,81
More results

Similar Description - 1803646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
100955 PHOENIX-100955 Datasheet
95Kb / 3P
Header with side panels, plug-in direction parallel to the p.c.b.
logo
WECO ELECTRICAL CONNECT...
110-M-211-SMD WECO-110-M-211-SMD Datasheet
81Kb / 1P
Pin strip for SMD Plug-in direction parallel to PCB
11.17
120-M-217 WECO-120-M-217 Datasheet
71Kb / 1P
Plug-in direction parallel to PCB, with fastening flanges
03.17
120-M-311 WECO-120-M-311 Datasheet
80Kb / 1P
Pin strip Plug-in direction parallel to PCB, with support
07.19
121-M-111 WECO-121-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
121-M-181 WECO-121-M-181 Datasheet
80Kb / 1P
Pin strip Plug-in direction parallel to PCB, tall version
07.19
121-ME-211 WECO-121-ME-211 Datasheet
85Kb / 1P
Pin strip Plug-in direction parallel to PCB
05.22
122-M-111 WECO-122-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
950-SLS WECO-950-SLS Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
110-ME-111 WECO-110-ME-111 Datasheet
77Kb / 1P
Pin strip Plug-in direction parallel to PCB
09.20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com