Electronic Components Datasheet Search
  English  ▼

X  

AC164143 Datasheet(PDF) 3 Page - Microchip Technology

Part # AC164143
Description  16-bit Embedded Control Solutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC164143 Datasheet(HTML) 3 Page - Microchip Technology

  AC164143 Datasheet HTML 1Page - Microchip Technology AC164143 Datasheet HTML 2Page - Microchip Technology AC164143 Datasheet HTML 3Page - Microchip Technology AC164143 Datasheet HTML 4Page - Microchip Technology AC164143 Datasheet HTML 5Page - Microchip Technology AC164143 Datasheet HTML 6Page - Microchip Technology AC164143 Datasheet HTML 7Page - Microchip Technology AC164143 Datasheet HTML 8Page - Microchip Technology AC164143 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
16-bit Embedded Control Solutions
16-bit Embedded Control Solutions
Advanced Motor Control with dsPIC®DSCs Portfolio
dsPIC Motor Control DSCs feature a high-performance
CPU with motor control peripherals. The silicon solutions
are backed up by free advanced software application
libraries and motor control algorithms. Flexible motor
control development boards support a wide variety of
motors and help you to reduce your design risk and
development efforts. Visit www.microchip.com/motor for
more information.
eXtreme Low Power (XLP) Solutions
XLP Technology brings together the design and process
technologies needed to address today’s low power
applications. With sleep currents down to 10 nA and
industry-leading integration that includes USB, Peripheral
Pin Select (PPS) and mTouch™ capacitive sensing, XLP
products can help you extend the life of your battery
powered application. Visit www.microchip.com/xlp for
more information.
Enhancing Connectivity to Your Embedded
Control Applications
Whether you are considering wired or wireless connectivity,
Microchip supports a wide variety of communications
protocols with extensive design resources and software
libraries. It’s easy to pair the PIC24 or dsPIC DSC
devices with Microchip’s Bluetooth®or Wi-Fi®modules for
connecting to other systems. Microchip offers ZigBee®Pro,
MiWi™, IrDA®Library stacks for wireless connectivity and
Ethernet, CAN and USB library stack for wired connectivity.
Visit www.microchip.com/connectivity for more information.
Digital Power for Improving Efficiency and
Optimizing the BOM
Implementing advanced software digital control loops for
power applications requires a high-performance DSP engine
along with specialized peripherals. The dsPIC “GS” Family of
DSCs feature a high-performance CPU and rich peripherals
including 4 MSPS 10-bit ADC, 1 nSec Resolution PWM and
analog comparator with 10 nSec response time. Complete
reference designs and application solutions from Microchip
will help you to get started. Visit www.microchip.com/power
for more information.
High Temperature Rated Devices Qualified to
AEC-Q100 Requirements
Several PIC24HJ and dsPIC33FJ devices are rated for
operation up to 150ºC ambient. These devices provide up to
20 MIPS processing power plus digital signal processing,
LIN/CAN connectivity, motor control and 10/12-bit ADC
performance for stringent automotive and industrial
applications. AEC-Q100 Grade 0 (150ºC) devices have been
released as well. Visit www.microchip.com/hightemp for the
latest product offering.
Graphics Display Solutions
Graphics displays are gaining popularity in user interface
applications and they are easy to add to your application
using the PIC24F “DA” family with integrated graphics
controller and hardware acceleration. With Microchip’s free
graphics library and development tools, you can quickly
integrate graphics display functions into your application in a
single microcontroller. Visit www.microchip.com/graphics for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com