Electronic Components Datasheet Search
  English  ▼

X  

TC652DEVUA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC652DEVUA
Description  Integrated Temperature Sensor & Brushless DC Fan Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC652DEVUA Datasheet(HTML) 3 Page - Microchip Technology

  TC652DEVUA Datasheet HTML 1Page - Microchip Technology TC652DEVUA Datasheet HTML 2Page - Microchip Technology TC652DEVUA Datasheet HTML 3Page - Microchip Technology TC652DEVUA Datasheet HTML 4Page - Microchip Technology TC652DEVUA Datasheet HTML 5Page - Microchip Technology TC652DEVUA Datasheet HTML 6Page - Microchip Technology TC652DEVUA Datasheet HTML 7Page - Microchip Technology TC652DEVUA Datasheet HTML 8Page - Microchip Technology TC652DEVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21453B-page 3
TC652/TC653
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage (VDD to GND) ...................................+6V
Output Voltage (OUT to GND) ................................. 6V
Voltage On Any Pin ....... (GND – 0.3V) to (VDD +0.3V)
Package Thermal Resistance (
θJA ) ...........250°C/W
Operating Temperature Range ......... -40°C to +125°C
Storage Temperature ......................... -65°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC652/TC653 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = 2.8V to 5.5V, SHDN =VDD,TA =-40°Cto 125°C unless otherwise specified.
Symbol
Parameter
Min
Typ.
Max
Units
Test Conditions
VDD
Supply Voltage
2.8
—
5.5
V
IDD
Supply Current
—
50
90
µAPWM, FAULT,T
OVER are
open
SHDN Input
VIH
SHDN Input High Threshold
65
—
—
%VDD
VIL
SHDN Input Low Threshold
—
—
15
%VDD
PWM Output
VOL
PWM Output Low Voltage
—
—
0.3
V
ISINK =1mA
VOH
PWM Output High Voltage
VDD –0.5
—
—
V
ISOURCE =5mA
tR
PWM Rise Time
—
10
—
µsec I
OH =5mA,1nF from
PWM to GND
tF
PWM Fall Time
—
10
—
µsec I
OL =1mA,1nF from
PWM to GND
fOUT
PWM Frequency
10
15
—
Hz
tSTARTUP
Start-up Time
—
32/fOUT
—sec
VDD Rises from GND,
or SHDN Released
VTH (SENSE)
Sense Input
—
70
—
mV
Sense Input Threshold
Voltage with Repect to
Ground
Temperature Accuracy
TH ACC
High Temperature Accuracy
TH -3
TH
TH +3
°C
Note 1
(TH –TL) ACC Temp. Range Accuracy
-1.0
—
+1.0
°C(TH –TL) ≤ 20°C
-2.5
—
+2.5
°C(TH –TL) ≥ 20°C
THYST
Auto-shutdown Hysteresis
—
(TH –TL)/5
—
°CTC653 Only
FAULT Output
VHIGH
FAULT Output High Voltage
VDD –0.5
—
—
V
ISOURCE =1.2mA
VLOW
FAULT Output Low Voltage
—
—
0.4
V
ISINK =2.5mA
tmp
Missing Pulse Detector
Time-out
——
32/fOUT
Sec
TOVER Output
VHIGH
TOVER Output High Voltage
VDD –0.5
—
—
V
ISOURCE =1.2mA
VLOW
TOVER Output Low Voltage
—
—
0.4
V
ISINK =2.5mA
TOVER ACC
Absolute Accuracy
—
TH + 10
—
°C
At Trip Point
TOVER HYST
Trip Point Hysteresis
—
5
—
°C
Note
1:
Transition from 90% to 100% Duty Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com