Electronic Components Datasheet Search
  English  ▼

X  

TC653BAVUA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC653BAVUA
Description  Integrated Temperature Sensor & Brushless DC Fan Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC653BAVUA Datasheet(HTML) 4 Page - Microchip Technology

  TC653BAVUA Datasheet HTML 1Page - Microchip Technology TC653BAVUA Datasheet HTML 2Page - Microchip Technology TC653BAVUA Datasheet HTML 3Page - Microchip Technology TC653BAVUA Datasheet HTML 4Page - Microchip Technology TC653BAVUA Datasheet HTML 5Page - Microchip Technology TC653BAVUA Datasheet HTML 6Page - Microchip Technology TC653BAVUA Datasheet HTML 7Page - Microchip Technology TC653BAVUA Datasheet HTML 8Page - Microchip Technology TC653BAVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC652/TC653
DS21453B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin MSOP)
Symbol
Description
1VDD
Power Supply Input. May be independent of fan power supply.
2FAULT
Fan Fault Alert, Active-Low Output. FAULT goes low to indicate a fan FAULT condition.
When FAULT occurs, the device is latched in Shutdown mode with PWM low. Toggling
the SHDN pinor cyclingthe VDD will release the part and fan from shutdown. FAULT will
unconditionally remain high during shutdown.
3
SHDN
Fan Shutdown, Active-Low Input. During Shutdown mode the chip still monitors
temperature and TOVER is low if temperature rises above factory set point.
4
GND
Ground return for all TC652/TC653 functions.
5
SENSE
Detect Fan Pulses Input. Pulses are detected at this pin as fan rotation chops the current
through the sense resistor, RSENSE. The absence of pulses indicates a Fan Fault.
6TOVER
Over-Temperature Alert, Active-Low Output.
7
GND
Ground.
8
PWM
PWM Fan Drive Output. Pulse width modulated rail-to-rail logic output. Nominal
Frequency is 15Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com