Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8644
Description  LEVER ACTION PC CARD EJECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8644 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8644 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.375
[9.5]
1.100 [28.0]
.140 [3.6]
RADIUS
.390
[9.9]
.075
[1.90]
.250
[6.4]
.093
[2.36]
DIA.
.520
[13.2]
CAT.
NO.
L
A
B
8620 2.5 (63.5)
2.0 (50.8)
—
8621 3.0 (76.2)
2.5 (63.5)
—
8622 3.5 (88.9)
3.0 (76.2)
—
8623 4.0 (101.6)
3.5 (88.9)
—
8624 4.5 (114.3)
4.0 (101.6)
—
8625 5.0 (127.0)
4.5 (114.3)
—
8626 5.5 (139.7) 5.0 (127.0)
—
8627 6.0 (152.4)
5.5 (139.7)
—
8628 6.5 (165.1) 6.0 (152.4)
—
8629
7.0 (177.8)
6.5 (165.1)
—
8630
7.0 (177.8)
6.5 (165.1)
3.25 (82.6)
8631
7.5 (190.5)
7.0 (177.8)
—
8632
7.5 (190.5)
7.0 (177.8)
3.50 (88.9)
8633 8.0 (203.2)
7.5 (190.5)
—
8634 8.0 (203.2)
7.5 (190.5)
3.75 (95.3)
8635 8.5 (215.9)
8.0 (203.2)
—
8636 8.5 (215.9)
8.0 (203.2)
4.00 (101.6)
• Designed for .062 (1.57) PC cards.
• Level action ejectors aids card insertion and extraction.
• Supplied complete with stainless steel spring pin.
CARD MOUNTING DIMENSIONS
LEVER ACTION PC CARD EJECTORS
HORIZONTAL TYPE PC BOARD GUIDES
.109 [2.8] DIA.
MOUNTING
HOLE
.250 [6.4]
.250 [6.4]
PC CARD
.250
[6.4]
.140 [3.6]
RADIUS
.093
[2.36]
DIA.
1.125 [28.6]
.450
[11.5]
.640
[16.3]
.075
[1.90]
.250
[6.4]
.375
[9.6]
CAT. NO. 8640
CAT. NO. 8641
CAT. NO. 8642
.075
[1.90]
.390
[9.9]
.640
[16.3]
.450
[11.5]
1.125 [28.6]
.093
[2.36]
DIA.
.140 [3.6]
RADIUS
.250
[6.4]
.600
[15.3]
.093
[2.36]
DIA.
.140 [3.6]
RADIUS
1.250 [31.8]
.075
[1.90]
.250
[6.4]
.290
[7.4]
.134
[3.4]
.260 [6.6]
.250
[6.4]
.140 [3.6]
RADIUS
.093
[2.36]
DIA.
.980 [24.9]
.375
[9.5]
.640
[16.3]
.390
[9.9]
.125
[3.2]
.075
[1.90]
Guides may be used horizontally or vertically and snap into .125 (3.2)
diameter holes. Narrow width allows maximum density and optimum airflow.
Simple press-fit, secure installation. No special tools required to install.
MATERIAL:
Natural Nylon 6/6, UL Rated 94V-2
B
.125 [3.2]
.250 [6.4]
.132 [3.4]
.078 [2.0]
.245 [6.2]
L
A
.085 [2.2]
.172 [4.4]
REF.
Mounting Detail
.218 [5.6]
(2) PLS
.120 [3.1]
(2) PLS
A
B
.125 [3.2] DIA.
MATERIAL:
White Nylon 6/6, UL Rated 94V-2
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
116
CAT. NO. 8643
CAT. NO. 8644
Card ejectors offer a simple and reliable way of
installing and ejecting circuit boards. Card ejectors
reduce the stress on board connectors by improper
removal of board. Ejectors also protect components
on board from damage during removal or installation.
Ejectors supplied with stainless steel pin to assure
quick assembly of ejector to card.
• Sturdy Nylon construction
• Mounts into chassis with out tools
• Assures proper alignment of board
• Quick and easy installation of board.
M60Section7FREV1A2_11-2011 4/4/13 11:17AM Page116


Similar Part No. - 8644

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8644 BURKERT-8644 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8644 BURKERT-8644 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8644 BURKERT-8644 Datasheet
1Mb / 13P
Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
8644 BURKERT-8644 Datasheet
823Kb / 15P
Flowmeter/Threshold detector with paddle wheel
15.12.2023
8644 BURKERT-8644 Datasheet
1Mb / 23P
Inline flowmeter or Inline batch controller, with paddle wheel
18.12.2023
More results

Similar Description - 8644

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
RCP-46 RICHCO-RCP-46 Datasheet
49Kb / 1P
CARD EJECTORS
RCP-06 RICHCO-RCP-06 Datasheet
47Kb / 1P
CARD EJECTORS
RCP-26 RICHCO-RCP-26 Datasheet
46Kb / 1P
CARD EJECTORS
RCP-36 RICHCO-RCP-36 Datasheet
46Kb / 1P
CARD EJECTORS
RCP-56 RICHCO-RCP-56 Datasheet
48Kb / 1P
CARD EJECTORS
RCP-66 RICHCO-RCP-66 Datasheet
47Kb / 1P
CARD EJECTORS
RCP-86 RICHCO-RCP-86 Datasheet
47Kb / 1P
CARD EJECTORS
logo
List of Unclassifed Man...
E2G0203S-1 ETC2-E2G0203S-1 Datasheet
56Kb / 2P
Lever Action 1.5 AMPS 28 VDC
logo
SHINMEI ELECTRIC CO., L...
TSW-27 SHINMEI-TSW-27 Datasheet
122Kb / 3P
Multifunction Switches (Double Action Type TactileLever)
logo
Schneider Electric
XCKM115 SCHNEIDER-XCKM115 Datasheet
92Kb / 2P
limit switch XCKM - thermoplastic roller lever - 1NC1NO - snap action - Pg11
Feb 28, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com