Electronic Components Datasheet Search
  English  ▼

X  

7802 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7802
Description  QUICK-FIT TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7802 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7802 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.250 (6.4) “STURDI-MOUNT” PC QUICK-FIT HEADERS
54
MATERIAL: .032 (81) Bright Brass
•
Ideal for rugged multi-insertion applications
•
Pre-assembled header reduces PC assembly costs
•
Increases PC board retention strength
•
Keeps terminals perpendicular
•
Maintains position for wave soldering
SPECIFICATIONS
Material: .032 (.80) Brass or Steel, Tin Plated
Insulator: Thermoplastic, UL Rated 94V-0
Current Rating: 15 Amps @ 500V AC
Temperature Rating: -58°F to +292°F (-50°C to +145°C)
LOW PROFILE
HORIZONTAL
VERTICAL
CAT. NO.
TAB
HOLE
4005
.205 (5.2)
.132 (3.4) × .070 (1.78) Slot
4095
.187 (4.7)
.078 (1.98) Dia. Hole
.157 [4.0]
.433 [11.0]
.200 [5.1]
.787 [20.0]
.045 [1.1]
.250 [6.4]
.200 [5.1]
L
L
.157 [4.0]
.200 [5.1]
.045 [1.1]
.200 [5.1]
.827 [21.0]
.250
[6.3]
.197 [5.0]
.039 [1.0]
L
.197 [5.0]
.591 [15.0]
.138 [3.5]
.250
[6.4]
.218
[5.5]
.619
[15.7]
REF.
.110 [2.8]
.109 [2.8]
.375
[9.5]
.062
[1.55]
.109 [2.7]
DIA.
.048 [1.20]
DIA.
.343
[8.7]
HOLE
TAB
.125 [3.2]
45°
.296 [7.5]
.250 [6.4]
.265
[6.7]
.135 [3.4] DIA.
RIVET MOUNT QUICK-FIT TERMINALS
.110 (2.8) - .187(4.8) - .250 (6.4) TABS
MULTIPLE .250 (6.4) TAB
BRASS
STEEL
NO.
TABS
TABS
OF
L
CAT. NO. CAT. NO. TABS
DIM.
7802
7822
2
.362 (8.2)
7803
7823
3
.562 (14.3)
7804
7824
4
.762 (19.4)
7805
7825
5
.962 (24.4)
7806
7826
6
1.162 (29.5)
AVAILABLE IN BRASS OR STEEL TABS
W
HOLE
A°
L
TAB
A°
L
HOLE
TAB
W
L
.406
[10.3]
.343
[8.7]
.250 [6.4]
.375 [9.5]
.130 [3.3]
MATERIAL: .020 (.51) Brass, Tin Plate
MATERIAL: .020 (.51) Brass, Tin Plate
.187 (4.8) - .205 (6.4) TABS
.110 (2.8) TAB
45° TAB
.110 (2.8) - .187 (4.8) - .250 (6.4) TABS
CAT
TAB
NO.
PAIRS
L
SIZE
1005
2
.687 (17.4)
1006
3
1.062 (27.0)
.250 (6.4)
1007
4
1.441 (36.6)
1008
5
1.820 (46.2)
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
BRIGHT
BRASS
• UL recognized bright brass Quick-Fit terminals
• Rivet mount male tab versions meet NEMA 2-E201546 & UL 310 specifications
• Designed for repeated mating cycles
• For tabs 0.110 (2.8mm) to 0.250 (6.4mm)
CAT. NO.
ANGLE
1269
0°
1270
30°
A = 45°
A = 90°
TAB
MAT’L
L
W
HOLE
A = 45°
A = 90°
CAT. NO. CAT. NO.
SIZE
THICK
TAB
WIDTH
DIA.
CAT. NO. CAT. NO.
2004
2002
.110 (2.8) .020 (.51) .365 (9.3) .180 (4.6) .096 (2.4)
1233
1220
1271
1261
.187 (4.8) .020 (.51) .375 (9.5) .250 (6.4) .100 (2.5)
1234
1221
1280
1256
.250 (6.4) .032 (.81) .406 (10.3) .306 (7.8) .130 (3.3)
1235
1222
MATTE TIN
BRIGHT BRASS
A = 45°
A = 90°
TAB
MAT’L
L
W
HOLE
A = 45°
A = 90°
CAT. NO. CAT. NO.
SIZE
THICK
TAB
WIDTH
DIA.
CAT. NO. CAT. NO.
2005
2003
.110 (2.8) .020 (.51) .360 (9.1) .180 (4.6) .096 (2.4)
1240
1227
1263
1262
.187 (4.8) .020 (.51) .315 (8.0) .250 (6.4) .100 (2.5)
1241
1228
1258
1257
.250 (6.4) .032 (.81) .400 (10.1) .306 (7.8) .130 (3.3)
1242
1229
MATTE TIN
BRIGHT BRASS
BRASS
STEEL
NO.
TABS
TABS
OF
L
CAT. NO. CAT. NO. TABS
DIM.
7812
7832
2
.362 (8.2)
7813
7833
3
.562 (14.3)
7814
7834
4
.762 (19.4)
7815
7835
5
.962 (24.4)
7816
7836
6
1.162 (29.5)
BRASS
STEEL
NO.
TABS
TABS
OF
L
CAT. NO. CAT. NO. TABS
DIM.
7817
7827
2
.320 (8.1)
7818
7828
3
.517 (13.1)
7819
7829
4
.713 (18.1)
7820
7830
5
.910 (23.1)
7821
7831
6
1.107 (28.1)
M60Section3FREV1A4COLOR_11-2011 4/6/13 3:02PM Page54


Similar Part No. - 7802

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7802 SONARDYNE-7802 Datasheet
81Kb / 2P
Compatt Mk4 LF
logo
Festo Corporation.
7802 FESTO-7802 Datasheet
106Kb / 2P
Air solenoid valve
logo
List of Unclassifed Man...
78020 ETC2-78020 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Alpha Wire
78020 ALPHAWIRE-78020 Datasheet
407Kb / 4P
26 (19/38) AWG Tinned Copper
logo
Presto International UK...
78020 PRESTO-78020 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 7802

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
840620 RICHCO-840620 Datasheet
39Kb / 1P
QUICK FIT FUSE COVERS
logo
Schurter Inc.
0031.1661 SCHURTER-0031.1661 Datasheet
542Kb / 4P
Quick-conntect or solder terminals
logo
Molex Electronics Ltd.
63819-9800 MOLEX11-63819-9800 Datasheet
30Kb / 1P
Hand Crimp Tool for Quick Disconnect Female Terminals
0638252800 MOLEX11-0638252800 Datasheet
32Kb / 1P
Hand Crimp Tool For Quick Disconnect, Female Terminals
logo
TE Connectivity Ltd
T9E TEC-T9E Datasheet
655Kb / 3P
PCB and PCB/quick connect terminals
logo
Schurter Inc.
0031.1657 SCHURTER-0031.1657 Datasheet
564Kb / 3P
Quick-conntect or solder terminals
logo
Keystone Electronics Co...
4966 KEYSTONE-4966 Datasheet
188Kb / 1P
PC QUICK-FIT TERMINAL
12.29.94
7833 KEYSTONE-7833 Datasheet
102Kb / 1P
.250 [6.35] PC QUICK-FIT HEADER
7.25.95
logo
Molex Electronics Ltd.
63827-9300 MOLEX-63827-9300 Datasheet
1Mb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-02-15
logo
Keystone Electronics Co...
7832 KEYSTONE-7832 Datasheet
98Kb / 1P
PC QUICK-FIT HEADER
REV, D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com