Electronic Components Datasheet Search
  English  ▼

X  

9027 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9027
Description  INSULATED PC SPACERS/SUPPORTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9027 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9027 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
CAT.
L
Outside
Inside Mounting Screw
NO.
LENGTH
Diameter Diameter
Hole
Size
8829 .125 (3.2)
8830 .187 (4.7)
8831 .250 (6.4)
.260
.125
.187
#4
8832 .375 (9.5)
(6.6)
(3.2)
(4.7)
8833 .500 (12.7)
8834 .625 (15.9)
8835 .250 (6.4)
8836 .375 (9.5)
.312
.153
.234
#6
8837 .500 (12.7)
(7.9)
(3.9)
(5.9)
8838 .625 (15.9)
8839 .250 (6.4)
8840 .375 (9.5)
.312
.169
.234
#8
8841 .500 (12.7)
(7.9)
(4.3)
(5.9)
8842 .625 (15.9)
• Board will be electrically insulated, eliminates need for insulating washers • Easy snap-in assembly
• No tool required for installation • Designed for .062 (1.57) thick boards
STACKING SPACERS
THRU HOLE SPACERS
• One piece design eliminates the need for additional screws and nuts • Slim design frees up board space
• Both ends permanently attach to chassis and board
• Secure mounting end design allows for taller spacing
L
.150 [3.8]
FOR .062 [1.57]
THICK PCB
FOR .100 [2.6] DIA.
MOUNTING HOLE
.150 [3.8]
FOR .062 [1.57]
THICK CHASSIS
FOR .100 [2.6] DIA.
MOUNTING HOLE
.171
[4.4]
L
I.D.
O.D.
.125 [3.2]
FOR .062 [1.57]
THICK PCB
• Spacers can be stacked for multiple level
PC board applications
• Self-aligning
• Base has larger surface area. Will not deform
under heavy pre-load.
L
.400 [10.2]
.312
[7.9]*
FOR NO. 6 [M3.5]
SELF-TAPPING SCREW
FOR .156 [4.0] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK PCB
.312 [7.9]
HEX.
8-32 THREAD
.250
[6.4]
L
INSULATED PC SPACERS
/SUPPORTS
TENSION-FIT
EASY LOCK-IN
• One end permanently attaches to chassis
• Other end secures board with tension fit.
• Board easily releasable for repairs or upgrades
• Both ends permanently attach to chassis and board
• Teardrop style mounting end eases assembly
• Low protrusion above board and under chassis
• One end attaches to
chassis with screw or
tapped hole
• Other end snap locks onto
.062 (1.6) board
• Board is releasable for easy
repair or upgrades
CAT.
L
NO.
LENGTH
8879
.125 (3.2)
8880
.187 (4.7)
8881
.250 (6.4)
8882
.375 (9.5)
8883
.500 (12.7)
8884
.625 (15.9)
8885
.750 (19.1)
8886
.875 (22.2)
8887
1.000 (25.4)
CAT.
L
NO.
LENGTH
8888
.125 (3.2)
8889
.187 (4.7)
8890
.250 (6.4)
8891
.375 (9.5)
8892
.500 (12.7)
8893
.625 (15.9)
CAT.
L
NO.
LENGTH
9018
.125 (3.2)
9019
.187 (4.7)
9020
.250 (6.4)
9021
.375 (9.5)
9022
.500 (12.7)
9023
.625 (15.9)
9024
.750 (19.1)
9025
.875 (22.2)
9026
1.000 (25.4)
LOCK-IN
THREADED
One end locks into panel. Clear hole designs for #4, #6 or #8 screw.
One end locks into panel. Clear hole designs for #4, #6 or #8 screw.
SELF-ALIGNING
C'BORE
.125 [3.2]
L
FOR .062 [1.57]
THICK PCB
O.D.
I.D.
FOR .125 [3.2] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK CHASSIS
.140 [3.6]
FOR .125 [3.2] DIA.
MOUNTING HOLE
FOR .062 [1.57]
THICK PCB
.150 [3.8]
L
.180
[4.6]
L
.140 [3.6]
FOR .062 [1.57]
THICK PCB
FOR .125 [3.2] DIA.
MOUNTING HOLE
.140 [3.6]
FOR .062 [1.57]
THICK CHASSIS
FOR .125 [3.2] DIA.
MOUNTING HOLE
.180
[4.6]
CAT.
L
Outside
Inside Mounting Screw
NO.
LENGTH
Diameter Diameter
Hole
Size
9027 .125 (3.2)
9028 .187 (4.7)
9029 .250 (6.4)
.260
.125
.187
#4
9030 .375 (9.5)
(6.6)
(3.2)
(4.7)
9031 .500 (12.7)
9032 .625 (15.9)
9033 .250 (6.4)
9034 .375 (9.5)
.281
.153
.234
#6
9035 .500 (12.7)
(7.1)
(3.9)
(5.9)
9036 .625 (15.9)
9037 .250 (6.4)
9038 .375 (9.5)
.281
.169
.234
#8
9039 .500 (12.7)
(7.1)
(4.3)
(5.9)
9040 .625 (15.9)
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6, UL Rated 94V-0
MATERIAL: Nylon 6/6,
UL Rated 94V-0
MATERIAL: Nylon 6/6,
UL Rated 94V-0
.125 (3.2)
.100 (2.6)
.100 (2.6)
.125 (3.2)
.125 (3.2)
.125 (3.2)
.156 (4.0)
THREAD
MALE
L
FEMALE
CAT. NO.
LENGTH
CAT. NO.
9048
.250 (6.4)
9041
9049
.375 (9.5)
9042
9050
.500 (12.7)
9043
9051
.625 (15.9)
9044
9052
.750 (19.1)
9045
9053
.875 (22.2)
9046
9054
1.000 (25.4)
9047
M60Section4FREV1A-COLOR_9-2011 4/4/13 5:08PM Page77


Similar Part No. - 9027

ManufacturerPart #DatasheetDescription
logo
Heyco.
9027 HEYCO-9027 Datasheet
152Kb / 2P
Snap Rivets
logo
Time Electronics Ltd.
9027 TIME-ELECTRONICS-9027 Datasheet
456Kb / 2P
1006 DC Millivolt Source
06/22
9027 TIME-ELECTRONICS-9027 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
9027 TIME-ELECTRONICS-9027 Datasheet
877Kb / 2P
1021 Milliamp Source with Null Indicator
07/22
9027 TIME-ELECTRONICS-9027 Datasheet
488Kb / 2P
1077 Milliamp Transducer Simulator
07/22
More results

Similar Description - 9027

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
LED SPACERS
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
9071 ETC2-9071 Datasheet
100Kb / 2P
INSULATED PC SPACERS/SUPPORTS
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
Metric Spacers
logo
List of Unclassifed Man...
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com