Electronic Components Datasheet Search
  English  ▼

X  

TOP412 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP412_04 Datasheet HTML 8Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 9Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 10Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 11Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 12Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 13Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 14Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 15Page - Power Integrations, Inc. TOP412_04 Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
A
4/99
TOP412/414
13
The following precautions should be followed when testing
TOPSwitch by itself outside of a power supply. The schematic
shown in Figure 11 is suggested for laboratory testing of
TOPSwitch.
When the DRAIN supply is turned on, the part will be in the
auto-restart mode. The CONTROL pin voltage will be oscillating
at a low frequency from 4.7 to 5.7 V and the DRAIN is turned
on every eighth cycle of the CONTROL pin oscillation. If the
BENCH TEST PRECAUTIONS FOR EVALUATION OF ELECTRICAL CHARACTERISTICS
Typical Performance Characteristics
CONTROL pin power supply is turned on while in this auto-
restart mode, there is only a 12.5% chance that the CONTROL
pin oscillation will be in the correct state (DRAIN active state)
so that the continuous DRAIN voltage waveform may be
observed. It is recommended that the V
C power supply be
turned on first and the DRAIN power supply second if continuous
drain voltage waveforms are to be observed. The 12.5% chance
of being in the correct state is due to the 8:1 counter.
1.1
1.0
0.9
-50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
BREAKDOWN vs. TEMPERATURE
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
FREQUENCY vs. TEMPERATURE
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (°C)
CURRENT LIMIT vs. TEMPERATURE
2
1.2
1.6
0
020
4060
80
100
Drain Voltage (V)
IC vs. DRAIN VOLTAGE
0.4
0.8
VC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com