Electronic Components Datasheet Search
  English  ▼

X  

2033 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2033
Description  SPACERS , STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2033 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2033 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPACER FOR
I.D.
O.D. REF.
# 4
.120 (3.0)
.167 (4.3)
# 6
.148 (3.8)
.193 (4.9)
# 8
.176 (4.5)
.232 (5.9)
SCREW CLEARANCE
L
# 4
# 6
# 8
LENGTH
CAT. NO.
CAT. NO. CAT. NO.
.750 (19.1)
418
425
432
.875 (22.2)
419
426
433
1.000 (25.4)
420
427
434
1.250 (31.8)
421
428
435
1.500 (38.1)
422
429
436
1.750 (44.5)
—
430
437
2.000 (50.8)
—
—
438
CAT.
L
T
D
NO.
LENGTH
O.D.
THREAD
DEPTH
7710
.250 (6.4)
.250 (6.4)
6-32
THRU
7711
.500 (12.7)
.250 (6.4)
6-32
.156 (4.0)
7712
.375 (9.5)
.375 (9.5)
6-32
.156 (4.0)
7713
.500 (12.7)
.375 (9.5)
6-32
.156 (4.0)
7714
.500 (12.7)
.500 (12.7)
6-32
.140 (3.6)
7715
.750 (19.1)
.500 (12.7)
6-32
.250 (6.4)
7716
1.000 (25.4)
.500 (12.7)
6-32
.375 (9.5)
7717
1.500 (38.1)
.500 (12.7)
6-32
.562 (14.3)
7718
2.500 (63.5)
.500 (12.7)
6-32
.500 (12.7)
7719
2.500 (63.5)
.750 (19.1)
1/4 - 20
.750 (19.1)
7720
4.000 (101.6
.750 (19.1)
1/4 - 20
.750 (19.1)
CAT.
L
T
D
NO.
LENGTH
O.D.
THREAD
DEPTH
NL #
7661
.500 (12.7)
.375 (9.5)
6-32
.156 (4.0)
NL523W01-004
7662
.625 (15.9)
.375 (9.5)
6-32
.250 (6.4)
NL523W01-005
7663
.625 (15.9)
.500 (12.7)
8-32
.187 (4.7)
NL523W02-005
7664
.750 (19.1)
.375 (9.5)
6-32
.250 (6.4)
NL523W01-006
7665
.750 (19.1)
.500 (12.7)
8-32
.250 (6.4)
NL523W02-006
7666
1.000 (25.4)
.375 (9.5)
6-32
.375 (9.5)
NL523W01-008
7667
1.000 (25.4)
.500 (12.7)
8-32
.375 (9.5)
NL523W02-008
7668
1.000 (25.4)
.750 (19.1)
10-32
.375 (9.5)
NL523W03-008
7669
1.250 (31.8)
.375 (9.5)
6-32
.375 (9.5)
NL523W01-010
7670
1.250 (31.8)
.500 (12.7)
8-32
.375 (9.5)
NL523W02-010
7671
1.250 (31.8) 1.000 (25.4)
1/4 - 20
.437 (11.1) NL523W04-010
7672
1.500 (38.1)
.375 (9.5)
6-32
.375 (9.5)
NL523W01-012
7673
1.500 (38.1)
.500 (12.7)
8-32
.375 (9.5)
NL523W02-012
7674
1.500 (38.1)
.750 (19.1)
10-32
.375 (9.5)
NL523W03-012
7675
1.500 (38.1) 1.000 (25.4)
1/4 - 20
.500 (12.7) NL523W04-012
7676
2.000 (50.8)
.375 (9.5)
6-32
.375 (9.5)
NL523W01-016
7677
2.000 (50.8)
.500 (12.7)
8-32
.375 (9.5)
NL523W02-016
7678
2.000 (50.8)
.750 (19.1)
10-32
.375 (9.5)
NL523W03-016
CLEAR
L
BRASS
ALUMINUM
HOLE
O.D.
LENGTH
CAT. NO.
CAT. NO.
.125 (3.2)
1909
2036
.250 (6.4)
1454A
3457
.375 (9.5)
1454B
3458
.500 (12.7)
1454C
3459
.120 (3.0)
.250 (6.4)
.625 (15.9)
1919
2314
.750 (19.1)
1454D
3460
.875 (22.2)
1920
3402
1.000 (25.4)
1454E
3461
1.500 (38.1)
1924
3462
2.000 (50.8)
1925
3463
.125 (3.2)
1934
3403
.250 (6.4)
1457A
3464
.375 (9.5)
1457B
3465
.500 (12.7)
1457C
3466
.140 (3.5)
.250 (6.4)
.625 (15.9)
1935
3429
.750 (19.1)
1457D
3467
.875 (22.2)
1936
3438
1.000 (25.4)
1457E
3468
1.500 (38.1)
1937
3469
2.000 (50.8)
1938
3470
.125 (3.2)
1942
4258
.250 (6.4)
1480
3471
.375 (9.5)
1481
3472
.500 (12.7)
1482
3473
.171 (4.3)
.250 (6.4)
.625 (15.9)
2032
4259
.750 (19.1)
1483
3474
.875 (22.2)
2033
4260
1.000 (25.4)
1484
3475
1.500 (38.1)
2034
3476
2.000 (50.8)
2035
3477
.250 (6.4)
1662
4261
.375 (9.5)
1663
4262
.500 (12.7)
1664
4263
.625 (15.9)
1665
4264
.196 (5.0)
.312 (7.9)
.750 (19.1)
1666
4265
.875 (22.2)
1667
4266
1.000 (25.4)
1668
4267
1.500 (38.1)
1669
4268
2.000 (50.8)
1672
4269
ROUND CLEAR HOLE SPACERS
ALUMINUM ECONOMY SPACERS
CERAMIC STANDOFFS
74
• Made of flat strip aluminum and rolled on precision equipment.
• Assures maximum bearing surface, square ends.
Aluminum:
5052-H34 per QQ-A-250/8b
MATERIAL:
Brass: ASTM-B16, Nickel Plate (QQ-N-290)
Aluminum: ASTM B211, Clear Iridite (MIL-C-5541)
Nylon: Nylon 6/6, UL Rated 94V-2
Phenolic: PBE Grade Natural Color Phenolic
MATERIAL: Grade L5 Ceramic
• Ideal for very high temperature conditions
• Commercial and military types available
• Military types meet MIL-1-010,
NL # clearly marked
• Exceptional strength in compression and tension
• Withstands very high voltage without flashover
• Special sizes available upon request
SCREW CLEARANCE
L
# 4
# 6
# 8
LENGTH
CAT. NO.
CAT. NO. CAT. NO.
.187 (4.7)
397
—
—
.250 (6.4)
398
405
412
.312 (7.9)
399
406
413
.375 (9.5)
400
407
414
.437 (11.1)
401
408
415
.500 (12.7)
402
409
416
.625 (15.9)
403
410
417
BRASS
NYLON
• Tight Joint on Outside Diameter
COMMERCIAL
MILITARY
L
O.D.
HOLE
I.D.
O.D.
L
L
O.D.
D
D
THREAD
NYLON
PHENOLIC
L
CLEAR
CAT. NO.
CAT. NO.
LENGTH
O.D.
HOLE
875
—
.125 (3.2)
876
360
.250 (6.4)
877
361
.375 (9.5)
878
362
.500 (12.7)
879
—
.625 (15.9)
.250 (6.4)
.120 (3.0)
880
363
.750 (19.1)
For #4
881
—
.875 (22.2)
882
364
1.000 (25.4)
779
365
1.500 (38.1)
—
366
2.000 (50.8)
883
—
.125 (3.2)
884
367
.250 (6.4)
885
368
.375 (9.5)
886
369
.500 (12.7)
887
—
.625 (15.9)
.250 (6.4)
.140 (3.5)
888
370
.750 (19.1)
For #6
889
—
.875 (22.2)
890
371
1.000 (25.4)
789
372
1.500 (38.1)
—
373
2.000 (50.8)
891
—
.125 (3.2)
892
1490
.250 (6.4)
893
1491
.375 (9.5)
894
1492
.500 (12.7)
895
—
.625 (15.9)
.250 (6.4)
.171 (4.3)
896
1493
.750 (19.1)
For #8
897
—
.875 (22.2)
898
1494
1.000 (25.4)
799
374
1.500 (38.1)
—
375
2.000 (50.8)
790
453
.250 (6.4)
791
454
.375 (9.5)
792
455
.500 (12.7)
793
—
.625 (15.9)
794
456
.750 (19.1)
.312 (7.9)
.196 (5.0)
795
—
.875 (22.2)
For #10
796
457
1.000 (25.4)
797
458
1.500 (38.1)
—
459
2.000 (50.8)
For #4
For #6
For #8
For #10
ALUMINUM
PHENOLIC
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
M60Section4FREV1A-COLOR_9-2011 4/4/13 5:07PM Page74


Similar Part No. - 2033

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2033 XFMRS-2033 Datasheet
141Kb / 3P
HIGH SPEED SMT MAGNETIC MODULES
logo
Bourns Electronic Solut...
2033 BOURNS-2033 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
logo
Christian Bürkert GmbH ...
2033 BURKERT-2033 Datasheet
1Mb / 14P
Tank bottom diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
13.09.2023
logo
Keystone Electronics Co...
2033 KEYSTONE-2033 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Tempo Communications, I...
2033 TEMPOCOMMUNICATIONS-2033 Datasheet
338Kb / 2P
Crimp & Terminate
More results

Similar Description - 2033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24422 ETC2-24422 Datasheet
115Kb / 2P
METRIC STANDOFFS AND SPACERS
24406 ETC2-24406 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
24421 ETC2-24421 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
Metric Spacers
logo
List of Unclassifed Man...
D01501 ETC2-D01501 Datasheet
25Kb / 1P
Duratool Spacers
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
LED SPACERS
logo
Richco, Inc.
R911-5 RICHCO-R911-5 Datasheet
26Kb / 1P
NYLON SPACERS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com