Electronic Components Datasheet Search
  English  ▼

X  

ACZ11 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ACZ11
Description  mec hanic al incr emen tal encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ACZ11 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ACZ11 Datasheet HTML 1Page - Bel Fuse Inc. ACZ11 Datasheet HTML 2Page - Bel Fuse Inc. ACZ11 Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date
page
10/2010
2 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ11
SHAFT OPTIONS
OUTPUT WAVEFORM
DETENT POSITIONS
SLIDING NOISE
SUGGESTED FILTER
Encoder
Scope
t = Masking time to avoid chatter (5mS) V1 = V2 = 1V max.
Tested at 60 rpm
V1
V2
ON
OFF
ON
tt
Sliding Direction
Condition
H
1 M7-P0.75
5
2 M7-P0.75
7
4 smooth
5
5 smooth
7
BUSHING
CH A
CW direction (@ 60 rpm)
CH B
T4
T3
T2
T1
(Pins A & C)
(Pins B & C)
F type
F type
S type
S type
KQ type
KQ type
15S 20S 25S
L
15
20
25
15F 20F 25F
L
15
20
25
F
812
12
812
12
15KQ 20KQ 25KQ
L
15
20
25
I
5
8.5
10
710
12
H
switch travel for ACZ11BRXE only
=5
H=7
H=5
H=7
H=5
15S 20S 25S
L
15
20
25
H=7
15KQ 20KQ 25KQ
L
15
20
25
I
15F 20F 25F
L
15
20
25
F
CH A
CH B
(Pins A & C)
(Pins B & C)
CH A
CH B
(Pins A & C)
(Pins B & C)
Model 12C & 20C
Model 15P30C
CW direction
CW direction
Closed
Open
Open
Closed
Open
Closed
Open
Closed
Open
Closed
Open
Closed
→→



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com