Electronic Components Datasheet Search
  English  ▼

X  

316618 Datasheet(PDF) 6 Page - 3M Electronics

Part # 316618
Description  Product Specification
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

316618 Datasheet(HTML) 6 Page - 3M Electronics

  316618 Datasheet HTML 1Page - 3M Electronics 316618 Datasheet HTML 2Page - 3M Electronics 316618 Datasheet HTML 3Page - 3M Electronics 316618 Datasheet HTML 4Page - 3M Electronics 316618 Datasheet HTML 5Page - 3M Electronics 316618 Datasheet HTML 6Page - 3M Electronics 316618 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
JNPS-0814
9
6-3 ELECTRICAL SPECIFICATIONS
TEST
DESCRIPTION
REQUIREMENT
TEST CONDITION
RELATED
STANDARD
DIELECTRIC
WITHSTANDING
VOLTAGE
No appearance of arcing
and break down.
Leak current: 1mA Max.
Impressed voltage is AC 500V rms.
between adjacent two contacts for one
minute.
――――
INSULATION
RESIDENSE
500M
Ω Min.
Impressed voltage is DC 500V between
adjacent two contacts for one minute.
――――
DISCONTINUITY
Less than 1µs
- Vibration test
* as the part of 3M SEQUENCE-II
- Mechanical sock test
See Table 1.
Initial /
for each plating spec.
35m
Ω Max.
Contact resistance is measured
at Short Circuit.
Current: 1.5mA
Open Circuit Voltage: 20mV
by 4 terminal method.
* Measurement values include
the resistance of contact pins
as conductive material.
CONTACT
RESISTANCE
Change of contact
resistance after
evaluation tests/
for each plating spec.
± 25mΩ Max.
(1) PL Plating
3M SEQUENCE -I /
mating (30 cycles)
moisture
salt spray
3M SEQUENCE -II /
thermal shock
humidity
vibration
3M SEQUENCE -III /
thermal life
H2S GAS SEQUENCE /
mating (30 cycles)
H2S gas
DURABILITY /
300 cycles
MECHANICAL SHOCK /
(2) PE Plating and PC Plating
3M SEQUENCE -I /
mating (50 cycles)
moisture
salt spray
3M SEQUENCE -II /
thermal shock
humidity
vibration
3M SEQUENCE -III /
thermal life
H2S GAS SEQUENCE /
mating (50 cycles)
H2S gas
DURABILITY /
500 cycles
* NOTE: See Table 1.
for environmental tests.
See Table 1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com