Electronic Components Datasheet Search
  English  ▼

X  

LDC1000 Datasheet(PDF) 13 Page - Texas Instruments

Part # LDC1000
Description  LDC1000 Inductance to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LDC1000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LDC1000 Datasheet HTML 9Page - Texas Instruments LDC1000 Datasheet HTML 10Page - Texas Instruments LDC1000 Datasheet HTML 11Page - Texas Instruments LDC1000 Datasheet HTML 12Page - Texas Instruments LDC1000 Datasheet HTML 13Page - Texas Instruments LDC1000 Datasheet HTML 14Page - Texas Instruments LDC1000 Datasheet HTML 15Page - Texas Instruments LDC1000 Datasheet HTML 16Page - Texas Instruments LDC1000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LDC1000
www.ti.com
SNOSCX2 – SEPTEMBER 2013
Choosing Filter Capacitor (CFA and CFB Pins)
The Filter capacitor is critical to the operation of the LDC1000. The capacitor should be low leakage, temperature
stable, and it must not generate any piezoelectric noise (the dielectrics of many capacitors exhibit piezoelectric
characteristics and any such noise is coupled directly through Rp into the converter). The optimal capacitance
values range from 20pF to 100nF. The value of the capacitor is based on the time constant and resonating
frequency of the LC tank.
If a ceramic capacitor is used, then a C0G (or NP0) grade dielectric is recommended; the voltage rating should
be
≥10V. The traces connecting CFA and CFB to the capacitor should be as short as possible to minimize any
parasitics.
For optimal performance, the chosen filter capacitor, connected between pins CFA and CFB, needs to be as
small as possible, but large enough such that the active filter does not saturate. The size of this capacitor
depends on the time constant of the sense coil, which is given by L/Rs, (L=inductance, Rs=series resistance of
the inductor at oscillation frequency). The larger this time constant, the larger filter capacitor is required. Hence,
this time constant reaches its maximum when there is no target present in front of the sensing coil.
The following procedure can be used to find the optimal filter capacitance:
1. Start with a large filter capacitor. For a ferrite core coil, 10nF is usually large enough. For an air coil or PCB
coil, 100pF is usually large enough.
2. Power on the LDC and set the desired register values. Minimize the eddy currents losses by ensuring there
is maximum clearance between the target and the sensing coil.
3. Observe the signal on the CFB pin using a scope. Since this node is very sensitive to capacitive loading, it is
recommended to use an active probe. As an alternative, a passive probe with a 1k
Ω series resistance
between the tip and the CFB pin can be used.
4. Vary the values of the filter capacitor until that the signal observed on the CFB pin has an amplitude of
approximate 1V peak-to-peak. This signal scales linearly with the reciprocal of the filter capacitance. For
example, if a 100pF filter capacitor is applied and the signal observed on the CFB pin has a peak-to-peak
value of 200mV, the desired 1V peak-to-peak value is obtained using a 200mV / 1V * 100pF = 20pF filter
capacitor.
The waveforms below were taken on the CFB pin with a 14mm, 2 layer PCB coil(23 turns,4 mil trace width, 4mil
spacing between trace,1oz Cu thickness,FR4):
Figure 15. Waveform on CFB with 100pF
Figure 16. Waveform on CFB with 20pF
Copyright © 2013, Texas Instruments Incorporated
13
Product Folder Links: LDC1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com