Electronic Components Datasheet Search
  English  ▼

X  

DEMO9S08MP16 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DEMO9S08MP16
Description  DEMO9S08MP16 User Manual
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DEMO9S08MP16 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DEMO9S08MP16 Datasheet HTML 4Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 5Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 6Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 7Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 8Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 9Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 10Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 11Page - Freescale Semiconductor, Inc DEMO9S08MP16 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
4
DEMO9S08MP16 User Manual
Figure 2-1: DEMO9S08MP16 Top Component Placement
2.2
On-Board Logic Analyzer
The DEMO9S08MP16 board has a built-in 2-channel logic analyzer which
may be used to display captured data in real-time on a host PC. The logic
analyzer channels (IN0/IN1) are connected to the PTA2 and PTA3 signals on
the DEMO9S08MP16 board by default via the J9 jumpers. The channels may
be connected to any of the processor pins via wire jumpers (not included).
The Logic Analyzer Utility, included in the P&E Embedded Multilink Toolkit on
the accompanying DVD-ROM, displays the logic analyzer signals on a PC.
2.3
On-Board Virtual USB Port
The DEMO9S08MP16 board has a built-in virtual serial port which may be
connected to the MP16 processor’s SCI RXD/TXD. This allows certain PC
applications to be able to connect in a serial fashion to the microcontroller
without the actual use of serial port hardware.
The Terminal Window Utility, included in the P&E Embedded Multilink Toolkit
on the accompanying DVD-ROM, is a generic serial port utility which works
with the DEMO9S08MP16 virtual serial port or actual serial port hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com