Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2000E Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2000E
Description  8 MBd Low Input Current Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2000E Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Figure 16. Application of two HCPL-2300/HCPL-0300 units operating as an isolated, high speed, balanced, split phase line receiver with significantly
enhanced common mode immunity.
REFERENCE FIGURE 17 FOR DATA RATE vs. LINE DISTANCE L.
HCPL-2300/
HCPL-0300
HCPL-2300/
HCPL-0300
Figure 18. RS-232-C Interface circuit with HCPL-2300/HCPL-0300.
0°C
< T
A < 85°C.
Figure 17. Typical point to point data rate vs. length of line for
unbalanced (Figure 15) and balanced (Figure 16) line receivers
using HCPL-2300/HCPL-0300 optocouplers.
(FIGURE 16)
(FIGURE 15)
RS-232-C
SIGNAL
3 V – 25 V
-3 V – -25 V
HCPL-2300/
HCPL-0300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com