Electronic Components Datasheet Search
  English  ▼

X  

TCF20RN Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # TCF20RN
Description  Low-Peak CUBEFuse With and Without Indication
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCF20RN Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  TCF20RN Datasheet HTML 1Page - Cooper Bussmann, Inc. TCF20RN Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Peak
® CUBEFuse® With and Without Indication
Finger-Safe, Dual-Element, Time-Delay Class J Performance Fuse, 1-100A, 600Vac/300Vdc
0309
BU-SB09230
Page 1 of 2
Data Sheet 9000
Catalog Symbols: TCF_ Indicating fuse (6-100A)
TCF_RN Non-indicating fuse (1-100A)
Dual-Element, Time-Delay Fuse: 10 Seconds Minimum Operating Time at
500% Rated Current
Ampere Rating: 1 to 100A
Voltage Rating: 600Vac/300Vdc
Interrupting Rating: 300kA RMS Sym. (UL)
200kA RMS Sym. (CSA)
100kA DC (UL & CSA)
Agency Information:
• UL Listed Special Purpose Fuse: Guide JFHR, File E56412
• CSA Certified Fuse: Class 1422- 02, File 53787
• CE compliance for the European Union low voltage directive
Other Ratings/Specifications:
Watts Loss at rated current: TCF30: 3.99W
TCF60: 6.23W
TCF100: 9.51W
Operating and Storage Temperature Range: 14 to 149°F(-10 to 65°C)
Material Specifications:
• Case: Glass filled PES (Polyethersulfone)
• Terminals: Copper alloy
• Terminal plating: Electroless tin
• Indicator lens: PES (Polyethersulfone)
(indicating version only)
• Indicator: Energetic chemical
Carton Quantity and Weight
Catalog Numbers (amp rating)
Indicating CUBEFuse
TCF6
TCF10
TCF15
TCF17-1/2
TCF20
TCF25
TCF30
TCF35
TCF40
TCF45
TCF50
TCF60
TCF70
TCF80
TCF90
TCF100
Non-Indicating CUBEFuse
TCF1RN
TCF3RN
TCF6RN
TCF10RN
TCF15RN
TCF17-1/2RN
TCF20RN TCF25RN
TCF30RN
TCF35RN
TCF40RN
TCF45RN
TCF50RN TCF60RN
TCF70RN
TCF80RN
TCF90RN
TCF100RN
Features and Product Benefits
• The world’s first finger-safe power fuse system.
• Smallest footprint of any class fuse including Class J, CC, T and RK.
• Meets Class J time-delay electrical performance requirements.
• Available with and without open fuse indication to meet every customer
requirement.
• The indicating version features
easyID™ open fuse technology for faster
troubleshooting and reduced downtime.
• Faster response to damaging faults to help reduce destructive thermal and
magnetic forces.
• True dual-element fuse construction with a minimum of 10 seconds time-
delay at 500% of rating.
• Long time-delay minimizes nuisance circuit openings due to temporary
overloads and transient surges.
• High interrupting rating to safely interrupt faults up to 300kA.
• No venting of arc or molten metal and gases during opening.
• Robust cycling and inrush current withstand.
• Low let-through currents under fault conditions.
• Provides Type 2 “No Damage” protection for IEC motors starters when
properly sized.
• Easy selective coordination with any other Cooper Bussmann
® Low-Peak®
Class L, J and RK1 fuse with simple 2:1 amp ration between upstream and
downstream fuses.
Amp
Carton
Weight Per Carton
Rating
Qty.
lbs
kg
TCF1-30A
12
1.39
0.63
TCF35-60A
12
1.42
0.65
TCF70-100A
6
1.74
0.79
CCPB 1-, 2- & 3-Pole disconnects for
the Quik-Spec™ Coordination
Panelboard. Data Sheet 1160
CF_ Quik-Spec™ Safety
Switch disconnect (optional
window). Data Sheet 1156
TCFH_N 100, 60 & 30A Holders.
Data Sheet 9007
CCP_CF 1-, 2- & 3-Pole
switched disconnects
Data Sheet 1157
CUBEFuse Holders, Disconnects and Safety Switch
The CUBEfuse is used in the following Cooper Bussmann
® products.
70-100A Case Size
35-60A Case Size
1-30A Case Size


Similar Part No. - TCF20RN

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TCF20RN EATON-TCF20RN Datasheet
1Mb / 6P
UL Class CF branch circuit time-delay CUBEFuse
More results

Similar Description - TCF20RN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES5116 ETC-ES5116 Datasheet
269Kb / 10P
3 1/2 DVM with hold and low battery indication
logo
Richtek Technology Corp...
RT9024 RICHTEK-RT9024 Datasheet
217Kb / 9P
Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9194 RICHTEK-RT9194 Datasheet
222Kb / 10P
Low-Dropout Linear Regulator Controller with PGOOD Indication
logo
Cooper Bussmann, Inc.
TCFH30N COOPER-TCFH30N Datasheet
217Kb / 2P
Fuse Holders for Low-Peak CUBEFuse
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
CUBEFuse safety switch
logo
Eaton All Rights Reserv...
CF36 EATON-CF36 Datasheet
545Kb / 6P
CUBEFuse safety switch
logo
Cyrustek corporation
ES5116 CYRUSTEK-ES5116 Datasheet
273Kb / 10P
hold and low battery indication
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
Process control and indication equipment
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com