Electronic Components Datasheet Search
  English  ▼

X  

16220 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # 16220
Description  Power Distribution & Terminal Blocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

16220 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  16220 Datasheet HTML 1Page - Cooper Bussmann, Inc. 16220 Datasheet HTML 2Page - Cooper Bussmann, Inc. 16220 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Distribution & Terminal Blocks
PDB
Connector-Stud and Stud-Stud Blocks
600Vac/dc
Catalog Symbol: Connector–Stud Block
Voltage Rating: 600Vac/dc maximum
SCCR: 10kA (except for select products noted)
Agency Information:
UL Recognized, Guide XCFR2, File E221592
CSA Certified, Class 6228-01, File 15364
2.12"
0.69"
0.5"
LINE
SIDE
LOAD
SIDE
4.12" (2-Pole)
5.37" (3-Pole)
6.62" (4-Pole)
3.62" (2-Pole)
4.87" (3-Pole)
6.12" (4-Pole)
1.4"
1"
0.38"
2.0"
0.27" Dia.
(2 Holes)
Slot 0.22" x 0.38".
(4 Places)
.25"
2.8"
F
E
E
C
A B
G
L C'Bore
K Dia.
LOAD
SIDE
LINE
SIDE
D
HJ
Series 160 (Available 2, 3, and 4 pole)
Dimensional Data
Series 162, 163, and 165 Dimensional Data
(Available 1, 2, and 3 pole)
Dimensions for Series 162, 163, and 165
Cat.
No.
A
B
C1
C2
C3
D
E
F
G
H
J
K
L
162
2.88
2.25
1.07
1.88
2.70
1.75
0.81
0.53
0.31
0.84
0.31
0.20
0.41
163
4.0
3.38
1.98
3.60
5.21
3.32
1.62
0.99
0.31
0.87
0.35 Slot .20” wide x .41” long Slot .42” wide x .62” long
165
5.5
4.75
3.10” 5.79”
8.48” 2.93”
2.69
1.55”
0.38
1.19”
.44” Slot .20” wide x .33” long Slot .41” wide x .53” long
160 Series Bases have mounting holes outside the barriers.
Other bases (162 through 165) have mounting holes within
barriers–see dimensional drawings.
Connector-Stud Blocks (600V) Catalog Data
Connector
Catalog
Connection
Material and
Number
1-Pole
2-Pole
3-Pole
Line
Load
Ampacity
Connector – Stud
16280*
-1
-2
-3
2/0 - #14CU-AL
⁄Ω¢ - 20 ≈ ‹Ω¢ Stud
AL-175A
•
—
16281
-1
-2
-3
2/0 - #14CU-AL
⁄Ω¢ - 20 Tapped hole
AL-175A
•
—
16378
-1
-2
-3
500
kcmil - #6CU-AL
(2) ⁄Ω¢ - 20 ≈ 1 Stud
AL-380A
•
•
16383
-1
-2
-3
500
kcmil - #6CU-AL
(1) ‹Ω• - 16 ≈ 1 Stud
AL-380A
•
•
16582
-1
-2
-3
(2) 500
kcmil - #6CU-AL
(2) ‹Ω• - 16 ≈ 1fiΩ• Stud
AL-760A
•
•
Stud – Stud
16290
-1
-2
-3
⁄Ω¢ - 20 ≈ ‹Ω¢ Stud
⁄Ω¢ - 20 ≈ ‹Ω¢ Stud
CU-150A
•
—
16390
-1
-2
-3
‹Ω• - 16 ≈ 1⁄Ω• Stud
‹Ω• - 16 ≈ 1⁄Ω• Stud
CU-250A
•
•
16394
-1
-2
-3
⁄Ω™ - 13 ≈ 1⁄Ω¡§ Stud
⁄Ω™ - 13 ≈ 1⁄Ω¡§ Stud
CU-400A
•
•
16395
-1
-2
-3
‹Ω• - 16 ≈ 1‡Ω¡§ Stud
(2) ⁄Ω¢ - 20 ≈ ·Ω¡§ Stud
CU-310A
•
•
16591
-1
-2
-3
‹Ω• - 16 ≈ 1‡Ω¡§ Stud
(2) ‹Ω• - 16 ≈ 1‡Ω¡§ Stud
CU-400A
•
—
16593
-1
-2
-3
⁄Ω™ - 13 ≈ 1 Stud
⁄Ω™ - 13 ≈ 1 Stud
CU-600A
•
•
© 2011 Cooper Bussmann
www.cooperbussmann.com
1011 SB04093
Page 3 of 3
Data Sheet 1117
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by
definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design
applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products.
Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it
should be tested by the user in all possible applications.
*SCCR up to 200kA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com