Electronic Components Datasheet Search
  English  ▼

X  

63FE Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 63FE
Description  British Style BS 88
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

63FE Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  63FE Datasheet HTML 1Page - Cooper Bussmann, Inc. 63FE Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720024
Bussmann®
®
British Style BS 88
690V
6-700A
Electrical Characteristics
Ordering Information
Dimensions
Curves
Rated
I2t (A2S)
Carton
Current
Clearing
Clearing
Watts
Part
Carton
Weight
Figure
Type
RMS-Amps
Pre-arc
at 415V
at 660V
Loss
Number
Qty.
(kg)
Number
BIF #
6
1.8
8.5
12
2
6CT
10
7
30
48
3
10CT
CT
12
10
40
65
3
12CT
20
0.160
Fig. 1
16
16
66
110
7
16CT
20
32
150
220
7
20CT
25
25
150
250
7
25ET
32
32
190
350
11
32ET
35785312
35
52
310
500
11
35ET
ET
40
103
600
900
9
40ET
10
0.420
Fig. 2
45
103
680
1100
11
45ET
56
135
950
1500
14
56ET
63
171
1200
2000
16
63ET
80
360
2500
4000
18
80ET
35
33
130
200
9
35FE
40
52
180
300
9
40FE
45
76
270
450
11
45FE
50
103
380
600
11
50FE
FE
63
135
480
750
12
63FE
10
0.420
Fig. 2
35785314
71
210
600
950
17
71FE
80
250
900
1500
20
80FE
90
360
1300
2100
20
90FE
100
470
1800
2800
23
100FE
90
490
3000
4500
19
90EET
EET
110
600
4000
6500
27
110EET
5
0.450
Fig. 3
35785313
140
1050
7000
12000
35
140EET
160
1500
10000
17000
39
160EET
100
400
1600
2400
24
100FEE
120
540
1900
3100
32
120FEE
FEE
140
850
2500
3800
36
140FEE
5
0.450
Fig. 3
35785292
160
1000
3700
5700
46
160FEE
180
1400
5300
8400
46
180FEE
200
1900
7100
11400
52
200FEE
180
1400
7500
13500
40
180FM
200
2600
10500
18500
40
200FM
225
3700
14500
26500
44
225FM
FM
250
5200
20500
37500
48
250FM
1
0.240
Fig. 4
35785314
280
7000
30500
55000
48
280FM
315
10000
40000
77000
55
315FM
350
15000
60000
105000
55
350FM
400
10000
40000
72500
85
400FMM
450
15000
60000
105000
90
450FMM
500
20000
82000
150000
100
500FMM
1
0.450
Fig. 5
FMM
550
30000
120000
215000
100
550FMM
35785292
630
45000
180000
310000
100
630FMM
700
60000
245000
420000
120
700FMM
160
2400
15000
25000
26
160MT
180
3800
25000
38000
26
180MT
200
6000
40000
58000
27
200MT
MT††
250
11500
80000
110000
32
250MT
1
0.260
Fig. 4
35785313
280
16500
100000
150000
35
280MT
315
19000
125000
180000
42
315MT
355
22000
160000
200000
51
355MT
180
1650
12000
18000
42
180MMT
200
2200
16000
23000
42
200MMT
225
3700
26000
40000
42
225MMT
280
6600
47000
70000
47
280MMT
315
8600
62000
91000
51
315MMT
MMT††
355
13500
97000
140000
54
355MMT
1
.0470
Fig. 5
35785311
400
21000
150000
220000
60
400MMT
450
30000
220000
320000
57
450MMT
500
42000
300000
450000
64
500MMT
560
60000
430000
640000
64
560MMT
630
68500
500000
720000
86
630MMT
710
78000
600000
850000
105
710MMT
† U.L Recognition on CT, ET, FE, EET, FEE, FM, & FMM.
1 kg = 2.2 lbs
1 lb = 0.45 kg
†† 350 Vdc (IEC) rating. Consult Bussmann for U.L. Recognition status.
Interrupting rating 200kA RMS Symmetrical.
(500 Vdc/Interrupting rating 50ka) U.L. Recognition for CT, ET, FE, EET, FEE, FM & FMM.
Watts loss provided at rated current.
Note: FC, 8ET, 12ET, 15ET, 20ET, 65EET and 75EET are available for replacement purposes on existing equipment.
7-18-01
SB01191
†


Similar Part No. - 63FE

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
63FE COOPER-63FE Datasheet
54Kb / 2P
British Style BS 88 690V 6-700A
logo
List of Unclassifed Man...
63FE ETC-63FE Datasheet
53Kb / 2P
British Style BS 88
7-18-01
More results

Similar Description - 63FE

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BS-44 DBLECTRO-BS-44 Datasheet
72Kb / 1P
BS-44
BS-85 DBLECTRO-BS-85 Datasheet
71Kb / 1P
BS-85
BS-323 DBLECTRO-BS-323 Datasheet
71Kb / 1P
BS-323
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B08G AVAGO-HDSP-B08G Datasheet
366Kb / 8P
18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Cooper Bussmann, Inc.
250FM COOPER-250FM Datasheet
797Kb / 9P
British BS 88 Fuses
6CT COOPER-6CT Datasheet
54Kb / 2P
British Style BS 88 690V 6-700A
logo
List of Unclassifed Man...
10FC ETC1-10FC Datasheet
201Kb / 7P
BRITISH STYLE?밪EMICONDUCTOR PROTECTION FUSES
logo
Bi technologies
BS_OFF BITECH-BS_OFF Datasheet
356Kb / 7P
BS DIP
logo
List of Unclassifed Man...
6CT ETC-6CT Datasheet
53Kb / 2P
British Style BS 88
7-18-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com