Electronic Components Datasheet Search
  English  ▼

X  

125D Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 125D
Description  Push-Pull Output - General Purpose
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

125D Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  125D Datasheet HTML 1Page - Hammond Manufacturing Ltd. 125D Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
89
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Push-Pull Output - General Purpose (125H-J Series)
MULTIPLE IMPEDANCE - 8 WATT
"CLASSIC" TUBE OUTPUT TRANSFORMERS
Designed for general purpose or replacement use in push-pull tube output circuits.
•
Frequency response: 150 Hz. - 15 Khz (+/- 1db max.- ref. 1 Khz).
•
125H - open style with minimum 5" long primary leads, secondary solder lugs for convenient secondary connections.
•
125J - open style with minimum 10" long primary & secondary leads.
•
Schematic & Hook Up Data
125J
125H
Part No. Audio
Watts
Primary
Impedance
(Ohms)
Secondary
Impedance
(Ohms)
Primary
Inductance
Henrys
Dimensions (Inches)
Wt.
Lbs.
A
B
C
D
G
Mtg. Hole
125H
8
10K
2, 4 or 8
5.6
2.81
1.40
1.63
2.38
0.187
0.55
125J
8
2.5K or 4K 6/8 or 3.2/4
5.6
3.25
1.50
1.94
2.81
0.187
1
Pri. Impedance
Plate to Plate
Brown to Blue
(Ohms)
Sec.
Impedance
(Ohms)
Use Sec.
Lead
Connections
4,000 C.T.
6/8
WHT - GRN
4,000 C.T.
3.2/4
WHT - YEL
2,500 C.T.
6/8
BLK - GRN
2,500 C.T.
3.2/4
BLK - YEL
Brn
(Plate)
Blu
(Plate)
Lug #1 Common
Lug #2 2 Ohms
Lug#3 4 Ohms
Lug #4 8 Ohms
PRI
SEC
Red B+
Brn
(Plate)
Blu
(Plate)
Black
White
Yellow
Green
PRI
SEC
Red B+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com