Electronic Components Datasheet Search
  English  ▼

X  

AL2010 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AL2010
Description  Current-Mode PWM Step-Down DC-DC Convertor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AL2010 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AL2010 Datasheet HTML 5Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 6Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 7Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 8Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 9Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 10Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 11Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 12Page - Asahi Kasei Microsystems AL2010 Datasheet HTML 13Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
[AL2010]
Rev. 1.0
2011/08
- 11 -
CHARACTERISTIC EXAMPLE
Vin=5V Vout=1.8V f=2.2MHz
Vin=5V Vout=1.5V f=2.0MHz
Figure 8.
Characteristic Example
MARKING
AL2010
XXXYY
1)
Pin #1 indication
2)
Date Code : XXXYY (5 digits)
XXX:
Date Code
YY:
Lot#
3)
Marketing Code : AL2010
Figure 9.
Package Marking (Top View)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
Output Current[A]
Vin=4.5[V]
Vin=5.0[V]
Vin=5.5[V]
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
Outpur Current[A]
Vin=4.5[V]
Vin=5.0[V]
Vin=5.5[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com