Electronic Components Datasheet Search
  English  ▼

X  

TF2004 Datasheet(PDF) 1 Page - Riedon Powertron

Part # TF2004
Description  Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TF2004 Datasheet(HTML) 1 Page - Riedon Powertron

  TF2004 Datasheet HTML 1Page - Riedon Powertron TF2004 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
6/13
Type
2003
2004
2005
2006
2007
2009
Power Rating
(W @ 70 °C )
0.125
0.25
0.40
0.70
1.5
3.0
Working Voltage (rms)
100
250
750
2000
10000
20000
Available Resistances at each Tolerance
Tolerance 0.5% upon request
±1%
100 - 10M
10k - 10M
10k - 22M
100k - 100M
100k - 100M
100K - 100M
±2%
100 - 25M
10k - 100M
10k - 200M
100k - 250M
100k - 500M
100K - 500M
±5%
100 - 150M
10k - 250M
10k - 500M
100k - 1G
100k - 2G
100K - 2G
±10%
100 - 500M
10k - 1G
10k - 10G
100k - 10G
100k - 10G
100K - 20G
Available Resistances at each Temperature Coefficient
±100 ppm/K
≤ 25M
≤ 50M
≤ 250M
≤ 250M
≤ 250M
≤ 250M
±250 ppm/K
> 25M
> 50M
> 250M
> 250M
> 250M
> 250M
TF2000 Series
• Resistances from 100 to 20GOhms
• Power Rating 0.125 to 3Watts
• Resistance Tolerances to ±1%
• TCR’s to ±100ppm/K
• Voltage Ratings to 20KV
• VoltageCoefficient:50ppm/V(MAX)
• Thick Film Resistance Element
SPECIFICATIONS
Specification
Value
Resistance Range
100 Ohms to 20G Ohms
Tolerances
±1% to ±10%
Temperature Coefficient
±100ppm/K / ±250ppm/K
Temperature Range
-55°C to +125°C
Insulation Resistance
>10000 MOhms
Shelf Life Stability
1% / 5 Years
Climatic Category
55/125/56
Max Soldering Temperature
+260°C / 10s
Voltage Coefficient
< 5ppm/V
Thick Film Resistors
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve


Similar Part No. - TF2004

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
TF2004 RIEDON-TF2004 Datasheet
306Kb / 2P
Thick Film Resistors
More results

Similar Description - TF2004

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
Thick Film Resistors
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com