Electronic Components Datasheet Search
  English  ▼

X  

B57620C0331M062 Datasheet(PDF) 1 Page - EPCOS

Part # B57620C0331M062
Description  SMD NTC Thermistors with Silver Palladium Termination, Size 0805
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57620C0331M062 Datasheet(HTML) 1 Page - EPCOS

  B57620C0331M062 Datasheet HTML 1Page - EPCOS B57620C0331M062 Datasheet HTML 2Page - EPCOS B57620C0331M062 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
58
05/02
Applications
I Temperature measurement and
compensation in
– hybrid circuits
– data systems
– telecom systems
– automotive electronics
Features
I Silver palladium termination (AgPd)
I Cost-effective
I Suitable for wave and reflow soldering
Options
Alternative resistance ratings and resistance tolerance
< 5% available on request
Delivery mode
Blister tape, 180-mm reel, PU: 4000 pcs
+: J for
∆R
N/RN = ±
5 %
Kfor
∆R
N/RN = ± 10 %
Mfor
∆RN/RN = ± 20 %
Climatic category (IEC 60068-1)
Max. power at 25
°C (on PCB)
P25
Resistance tolerance
∆R
N/RN
Rated temperature
TN
B value tolerance
∆B/B
Dissipation factor (on PCB)
δ
th
1)
Thermal cooling time constant (on PCB)
τc1)
Heat capacity
Cth1)
55/125/21
210
± 5 %, ± 10 %, ± 20 %
25
± 3 %
approx. 3,5
approx. 10
approx. 35
mW
°C
mW/K
s
mJ/K
R25
Ω
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
220
3207
3060
3090
3100
B57620C0221+062
330
3204
3190
3250
3250
B57620C0331+062
470
3205
3270
3290
3300
B57620C0471+062
680
3206
3420
3440
3450
B57620C0681+062
1 k
3206
3420
3440
3450
B57620C0102+062
2,2 k
1304
3250
3280
3300
B57620C0222+062
4,7 k
1010
3470
3510
3530
B57620C0472+962
Dimensions in mm
Approx. weight 13 mg
Termination
1,25±0,15
TNT0397-7-E
1,3 max.
1) Depends on mounting situation
B57620
Temperature Measurement
C620
SMD NTC Thermistors with Silver Palladium Termination, Size 0805


Similar Part No. - B57620C0331M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57620C2472J62 EPCOS-B57620C2472J62 Datasheet
65Kb / 3P
SMD NTC Thermistors with Silver Palladium Termination, Size 0805
logo
TDK Electronics
B57620C5102062 TDK-B57620C5102062 Datasheet
452Kb / 22P
NTC thermistors for temperature measurement
B57620C5102062 TDK-B57620C5102062 Datasheet
452Kb / 22P
NTC thermistors for temperature measurement
B57620C5102J062 TDK-B57620C5102J062 Datasheet
452Kb / 22P
NTC thermistors for temperature measurement
logo
EPCOS
B57620C5103062 EPCOS-B57620C5103062 Datasheet
234Kb / 13P
SMD NTC Thermistor with Ni-Barrier Termination
More results

Similar Description - B57620C0331M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
SMD NTC Thermistors with Nickel Barrier Termination
B57620-C104-J162 EPCOS-B57620-C104-J162 Datasheet
38Kb / 2P
SMD NTC Thermistors with Silver Palladium Termination, Size 0805
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
B57621C0222 EPCOS-B57621C0222 Datasheet
65Kb / 3P
SMD NTC Thermistors with Sliver Palladium Termination
logo
Vishay Siliconix
NTCS0805E3473JHT VISHAY-NTCS0805E3473JHT Datasheet
136Kb / 8P
SMD 0805, Glass Protected NTC Thermistors
09-Mar-11
NTCS0805E4473JXT VISHAY-NTCS0805E4473JXT Datasheet
120Kb / 12P
SMD 0805, NTC Thermistors AgPd Terminations
03-Apr-11
logo
EPCOS
B57620C2472J62 EPCOS-B57620C2472J62 Datasheet
65Kb / 3P
SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
B57621C472J62 EPCOS-B57621C472J62 Datasheet
65Kb / 3P
SMD NTC Thermistors with Silver Palladium Termination, Size 1206
logo
Vishay Siliconix
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
SMD 0805, Glass Protected NTC Thermistors
08-Aug-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com