Electronic Components Datasheet Search
  English  ▼

X  

91930 Datasheet(PDF) 2 Page - EPCOS

Part # 91930
Description  NTC thermistors for inrush current limiting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

91930 Datasheet(HTML) 2 Page - EPCOS

  91930 Datasheet HTML 1Page - EPCOS 91930 Datasheet HTML 2Page - EPCOS 91930 Datasheet HTML 3Page - EPCOS 91930 Datasheet HTML 4Page - EPCOS 91930 Datasheet HTML 5Page - EPCOS 91930 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application Notes", chapters 2.6 and 2.7.
Applications
Switch-mode power supplies
Soft-start motors, e.g. in vacuum cleaners
Features
Useable in series connections up to 265 Vrms
Coated thermistor disk
Kinked leads of tinned copper wire
Wide resistance range
UL approval (E69802)
Options
Resistance tolerance <20% and alternative
lead configurations available on request
Delivery mode
Bulk (standard),
cardboard tape, reeled or in Ammo pack
Dimensional drawing
Dimensions in mm
Approx. weight 2 g
General technical data
Climatic category
(IEC 60068-1)
55/170/21
Max. power
(at 25
°C)
Pmax
3.1
W
Resistance tolerance
∆R
R/RR
±20
%
Rated temperature
TR
25
°C
B value tolerance
∆B/B
±3
%
Dissipation factor
(in air)
δ
th
approx. 17
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 90
s
Heat capacity
Cth
approx. 1530
mJ/K
Electrical specification and ordering codes
R25
Ω
Imax
(0...25
°C)
A
No. of
R/T char-
acteristic
B25/100
K
Ctest1)
230 V
µF
Ctest1)
110 V
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
1
9.0
1201
2700
700
2800
0.622
1.27
B57237S0109M000
2.2 7.0
1202
2800
700
2800
0.806
1.30
B57237S0229M000
2.5 6.5
1202
2800
700
2800
0.843
1.30
B57237S0259M000
4.7 5.1
1203
2900
700
2800
1.03
1.32
B57237S0479M000
5
5.0
1203
2900
700
2800
1.05
1.32
B57237S0509M000
7
4.2
1302
3000
700
2800
1.16
1.33
B57237S0709M000
10
3.7
1308
3060
700
2800
1.29
1.34
B57237S0100M000
15
3.0
1302
3000
700
2800
1.49
1.33
B57237S0150M000
22
2.8
1304
3300
700
2800
1.57
1.37
B57237S0220M000
33
2.5
1304
3300
900
3600
1.78
1.37
B57237S0330M000
Inrush current limiters
B57237
ICLs
S237
Page 2 of 6
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com