Electronic Components Datasheet Search
  English  ▼

X  

F455B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F455B
Description  Low-profile Brushless DC Side Flow Fan Motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F455B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F455B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ultra-slim model, that is ideal for imaging
terminals/navigation systems/mobile PCs
Realization of high air flow and low noise by adoption of
hydrodynamic design of impeller
Longer operating life and low-noise by sealed bearing structure
FG signal output available to monitor change in motor condition
Use environment
–10 ~ +60 °C (35 ~ 85 %RH)
Insulation class
(120 °C)
Part number
F455B-05MD
Insulation resistance
Dielectric strength
Allowable load
Average life (MTTF)
(
Definition)
Structure
Cover: SUS304
ABS/PBT Alloy Bearing : Sleeve bearing
Storage environment
–20 ~ +70 °C (35 ~ 85 %RH)
Rated voltage
5 V
Voltage range
4.5 ~ 5.5 V
Rated current
0.14 A
Rotating speed
5,000 rpm
Air flow
0.03 m3/min
Static pressure
54 Pa
23 dB(A)
Net weight
25 g
Low-profile Brushless DC Side Flow Fan Motor
F455B
(□45 x 5 mm fan motor)
NEW
■Specifications are subject to change without notice.
URL:http://www.nidec-copal-electronics.com/
FEATURES
STANDARD SPECIFICATIONS
OUTLINE DIMENSIONS (Unit:mm)
AIR FLOW PERFORMANCE CURVES
OTHER SPECIFICATIONS
AIR FLOW
5
38.5
□45
2 – 1.5
2 – 1.5
2 – C1.5
2 – 7.25
BLACK : GND
LEAD WIRE : UL1007 LF AWG28
RED : VOLTAGE
2 –
3.3
φ
0.000
60
50
40
30
20
10
0
0.005
0.010
0.015
Air Flow (m 3/min)
0.020
0.025
0.030
0.035
*Figures in the table are typical values under rated operating condition.
JIS C 4004 type
Impeller :
Noise
Maximum 1 mA of leakage under 600 V AC
for 1 s between frame and terminal(+)
Minimum 10 M ohm at DC500V
between frame and terminals(+)
0.2 N maximum on metal frame or impeller
Over 10,000 hours (at room temperature and room humidity)
Till the point of dropping down 30% from the initial number
of rotations (Under designated environment, after no load
continuous running at rated voltage)
After 50 hours restraining at rated voltage,
no burnout and no mechanical damage
Withstanding restraint
Housing : Zinc die casting
0605KT Ver.1
Nishi-shinjuku Kimuraya Bldg., 7-5-25 Nishi-shinjuku-ku, Tokyo 160-0023 JAPAN Phone : 03-3364-7055 Fax : 03-3364-7098
<SINGAPORE BRANCH>
2 Havelock Road #06-07 Apollo Centre, Singapore 059763 Phone : 6535-0056 Fax : 6535-0087
367 Van Ness Way, Suite 621 Torrance, CA90501, USA
Phone : 310-618-0225 Fax : 310-618-9984
Mergenthalerallee 79-81 65760 Eschborn, Germany
Phone : 061-96-92775-0 Fax : 061-96-92775-75
E, 2/F, Zhao Feng Shi Mao Bldg., No.369, Jiang Su Rd., Shanghai,
China 200050
Phone : 021-5240-0730 Fax : 021-5240-0728
Rm.702 Jin-il Bldg., 52-7 Banpo-Dong, Seocho-Gu, Seoul 137-040
Korea
Phone : 02-3482-5861 Fax : 02-3482-5860
RoHS compliant


Similar Part No. - F455B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
F455B-05LD COPAL-F455B-05LD Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
More results

Similar Description - F455B

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6989FVM-TR ROHM-BD6989FVM-TR Datasheet
1Mb / 17P
Low-voltage Single-phase Full-wave DC Brushless Fan Motor Drivers
logo
List of Unclassifed Man...
DB59M024035-A ETC-DB59M024035-A Datasheet
100Kb / 1P
Brushless Dc motor
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
BRUSHLESS DC FAN
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
STEPPERONLINE
42BLS47-24-01 STEPPERONLINE-42BLS47-24-01 Datasheet
119Kb / 1P
Brushless DC Motor
logo
promoco-motors.com
33BL PROMOCO-33BL Datasheet
303Kb / 1P
Brushless DC Motor
57BID01-12 PROMOCO-57BID01-12 Datasheet
322Kb / 1P
Brushless DC Motor
logo
List of Unclassifed Man...
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
DC BRUSHLESS FAN
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
DC BRUSHLESS FAN
EEC0384B2-000U-A99 ETC-EEC0384B2-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com